Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  300-R010-45G Datasheet HTML 1Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 2Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 3Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 4Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 5Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 6Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 7Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 8Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
MEASUREMENT RANGE CALCULATIONS, cont.
Operating Parameter
Condition
Performance
Application
Multiplier
SURFACE AGITATION: Surface agitation or waves can degrade the
Smooth, glasslike surface
1.0
performance. Moderate agitation results in only slight degradation
Slight agitation, choppiness
0.9
of performance. The worst case is when the surface is a good
Heavy agitation
0.8
reflector, but in the wrong direction. (See also transducer alignment.)
Slight vortex (6°)
0.7
VAPORS AND STEAM: Vapors in the air space, above the process,
become apparent, and cause problems when the liquid process
No condensation
1.0
temperature is well above the temperature of the airspace. The
greater the difference, the more expected vapor problems. The
problems result from condensation or layering in the sound path,
both of which attenuate the sound signal, degrading performance.
Little condensation
0.9
Avoid steam if possible.
To avoid these problems, ensure that the vessel is insulated so that
vapors are less likely to condense. If a vent is used, be sure that the
Much condensation/
0.8
vent, which is where condensation will form, is well away from the
foggy appearance
transducer.
BEAM SPREAD INTERFERENCE: It is strongly recommended that
No interference
1.0
nothing be allowed within the transducer’s beam, except the liquid
which is being monitored. Often, the signal from the liquid will be
Agitator at speed less than 60 RPM
1.0
strong, compared to the signal from other sources, such as ladder
rungs, filling process material, support struts, etc. For that reason,
Agitator at speed greater than 60 RPM
Consult
some applications may provide satisfactory results, even with
Factory
interference. Interference from agitator blades is only an intermittent
interference that usually has little effect on performance.
Interference outside 4°, far from
0.8
It is recommended there be no interference within the 6° half angle
transducer (in bottom third of range)
of the transducer beam. If interference is unavoidable, make the inter-
ference as far as possible from the transducer so that the real signal
Interference outside 4°, near to
0.5
at the longest distance is stronger than the interference signal.
transducer (in top third of range)
TRANSDUCER ALIGNMENT: Optimum performance is obtained when
Beam perpendicular to liquid surface
1.0
the transducer is perfectly aligned. If the process is not perpendicular
to the sound beam, the sound will not reflect properly back to the
transducer. The effect is significant.
Beam 4° off from perpendicular
0.5
FOAM: Even small thicknesses of foam can attenuate the ultrasound
No foam
1.0
and render the system inoperative. If possible, moving the transducer
Light froth, less than 0.25" thick
0.8
to an area in the tank where there is less foam will improve the
performance. Thick, heavy-density foams can sometimes produce
Light foam, less than 0.5" thick
0.5
a reflection from the top of the foam. The multipliers shown at right
Light foam, more than 1" thick
0.1
are general guidelines. For further assistance consult the factory.
DUST: Dust attenuates the sound and results in poor performance.
No dust
1.0
Even barely perceptible haze in the air can cause significant
Haze, barely perceptible
0.7
attenuation.
Slight dust
0.4
Heavy dust
0.1
AIR MOVEMENT: The movement of air, as possible in an open top
No air movement
1.0
vessel, can create a layer from which the sound will reflect. This will
Open vessel, but transducer below rim
0.8
be most noticeable in applications where vapors or steam tend to
form.
Open air movement in sound path
0.7
AMBIENT TEMPERATURE: The ambient temperature can have a
-20° to +140° F (-29° to +50° C)
1.0
significant effect on the sound and on the transducer’s capability to
-40° to -20° F (-40° to -29° C)
0.9
transmit and receive sound. The most noticeable effect on the
transducer is at the temperature extremes.
+140° to +160° F (+50 to +70° C)
0.9
PRESSURE: Sound requires air molecules to be able to travel. Sound
-10 to +50 psig (0.689 to +3.45 Bar)
1.0
will not travel in a vacuum. Likewise, higher pressures will allow
the sound to continue without decay, which can cause problems with
Pressures outside above rating
Consult
multiple echoes.
Factory
Multiply all values together in the application column
Maximum Potential Range for Model 300/301
X 30'
Maximum allowable measurement range for this application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com