Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R010-45G Datasheet(PDF) 29 Page - Magnetrol International, Inc.

Part # 300-R010-45G
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level/Volume/Open Channel Flow
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R010-45G Datasheet(HTML) 29 Page - Magnetrol International, Inc.

Back Button 300-R010-45G Datasheet HTML 25Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 26Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 27Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 28Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 29Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 30Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 31Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 32Page - Magnetrol International, Inc. 300-R010-45G Datasheet HTML 33Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
MEMORY MAP
Modbus sets up the data in a memory map. The memory
map is set up in registers that are 2 bytes in length. The read
only registers are numbered form 30001 to 39999. The
read/write registers are numbered from 40001 to 49999. In
order to access these registers; an offset is sent. For exam-
ple, if the data in register 30001 is to be read, an offset of
0000 is sent.
Individual bits in the bit registers are addressed by a sepa-
rated map. The read only bits are numbered from 10000 to
19999 and the read/write bits are numbered from 0 to 9999.
In the XXXX unit, both addresses will access the same bit.
The offset for these bits is the same as the registers. For
example, if 10003 is to be read, and offset of 0002 is sent.
MODEL 300/301 MODBUS MAPPING
A maximum and minimum value of 0 indicates that the value
is Read Only. Care must be taken when disabling relays. The
relay will hold the last state when it is disabled. RS-485 is
used for external communications using Modbus.
The Model 300/301 Transmitter uses the Modbus RTU pro-
tocol. The user must enter the BAUD rate and the parity that
the master will be using. See page 24 for configuration
instructions. Each of these parameters must be set at the
unit before communication can occur.
1. BAUD rate: 1200, 2400, 4800, 9600.
2. Parity: Odd (8, O, 1), Even (8, E, 1), or None (8, N, 2).
PROGRAMMING cont.
CHARACTER FRAMING
The Model 300/301 is factory configured for 9600 baud,
even parity, and 1 stop bit. In serial communication, the bits
are sent out one at a time, least significant bit first. These are
surrounded by a start bit (always low) and a parity bit or a
stop bit (if a parity bit, it will be followed by a stop bit)
(always high).
Figure 19
MESSAGE FRAMING
All messages start and end with an idle time of 3.5 character
times. For the 300/301 this value is approximately 4 ms at
9600 baud. This will let all the units know that the next byte
to follow is the address field.
Figure 20
Because of this method for determining the address byte,
the entire message must be sent in a continuous stream. If
an idle time of more than 1.5 character times occurs before
the completion of the message, the next byte received will
be assumed an address byte and the previously received
bytes will be ignored.
Start
01
2
3
4
5
6
7
Stop
Address
Function
Data
CRC Check
3.5 Character
Times
3.5 Character
Times
11 Bit Times
Less than 1.5
Character Times
Stop
Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com