Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 21 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 21 Page - Finechips

Back Button FD2000 Datasheet HTML 17Page - Finechips FD2000 Datasheet HTML 18Page - Finechips FD2000 Datasheet HTML 19Page - Finechips FD2000 Datasheet HTML 20Page - Finechips FD2000 Datasheet HTML 21Page - Finechips FD2000 Datasheet HTML 22Page - Finechips FD2000 Datasheet HTML 23Page - Finechips FD2000 Datasheet HTML 24Page - Finechips FD2000 Datasheet HTML 25Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
FD2000
Rev1.0
21/37
10.7. CGRAM DATA WRITE ― Specifies the CGRAM address and stores data at that address
Code
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
CD1
CD2
CD3
CD4
CD5
CD6
CD7
CD8
CD9
CD10
CD11
CD12
CD13
CD14
CD15
CD16
Code
D16
D17
D18
D19
D20
D21
D22
D23
D24
D25
D26
D27
D28
D29
D30
D31
CD17
CD18
CD19
CD20
C21
CD22
CD23
CD24
CD25
CD26
CD27
CD28
CD29
CD30
CD31
CD32
Code
D32
D33
D34
D35
D36
D37
D38
D39
D40
D41
D42
D43
D44
D45
D46
D47
CD33
CD34
CD35
CD36
CD37
CD38
CD39
CD40
CD41
CD42
CD43
CD44
CD45
X
X
X
Code
D48
D49
D50
D51
D52
D53
D54
D55
D56
D57
D58
D59
D60
D61
D62
D63
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
X
X
X
X
0
1
1
1
X: don’t care
10.7.1. CA0 to CA7: CGRAM address
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
LSB
MSB
10.7.2. CD1 to CD45: CGRAM data (5 x 7, 5 x 8, or 5 x 9 dot matrix display data)
The bit CDn (where n is an integer between 1 and 45) corresponds to the 5 x 7, 5 x 8, or 5 x 9 dot matrix display
data. The figure below shows that correspondence. The dots for which the corresponding data CDn is 1 will be
turned on.
CD1
CD2
CD3
CD4
CD5
CD6
CD7
CD8
CD9
CD10
CD11
CD12
CD13
CD14
CD15
CD16
CD17
CD18
CD19
CD20
CD21
CD22
CD23
CD24
CD25
CD26
CD27
CD28
CD29
CD30
CD31
CD32
CD33
CD34
CD35
CD36
CD37
CD38
CD39
CD40
CD41
CD42
CD43
CD44
CD45
NOTES:
1. CD1 to CD35: 5 x 7 dot matrix display data
2. CD1 to CD40: 5 x 8 dot matrix display data
3. CD1 to CD45: 5 x 9 dot matrix display data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com