Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 34 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 34 Page - Finechips

Back Button FD2000 Datasheet HTML 29Page - Finechips FD2000 Datasheet HTML 30Page - Finechips FD2000 Datasheet HTML 31Page - Finechips FD2000 Datasheet HTML 32Page - Finechips FD2000 Datasheet HTML 33Page - Finechips FD2000 Datasheet HTML 34Page - Finechips FD2000 Datasheet HTML 35Page - Finechips FD2000 Datasheet HTML 36Page - Finechips FD2000 Datasheet HTML 37Page - Finechips  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
FD2000
Rev1.0
34/37
16.3. ELECTRICAL CHARACTERISTICS IN THE ALLOWABLE OPERATING RANGES
Ratings
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Hysteresis
VH
CE, CL, DI, RESETB
–
0.1 VDD
–
V
Input high level current
IIH
CE, CL, DI, RESETB,
OSCI: VI = 6.0 V
–
–
5.0
μA
Input low level current
IIL
CE, CL, DI, RESETB,
OSCI: VI = 0 V
– 5.0
–
–
μA
VOH1
S1 to S60: IO = –20 μA
VLCD – 0.6
–
–
V
VOH2
COM1 to COM10: IO = –100 μA
VLCD – 0.6
–
–
V
Output high level voltage
VOH3
OSCO: IO = –500 μA
VDD – 1.0
–
–
V
VOL1
S1 to S60: IO = 20 μA
–
–
0.6
V
VOL2
COM1 to COM10: IO = 100 μA
–
–
0.6
V
Output low level voltage
VOL3
OSCO: IO = 500 μA
–
–
1.0
V
VMID1
S1 to S60: IO ±20 μA
2/4 VLCD – 0.6
–
2/4 VLCD + 0.6
V
VMID2
COM1 to COM10: IO = ±100 μA
3/4 VLCD – 0.6
–
3/4 VLCD + 0.6
V
Output middle level
voltage
NOTE1
VMID3
COM1 to COM10: IO = ±100 μA
1/4 VLCD – 0.6
–
1/4 VLCD + 0.6
V
Oscillator frequency
fOSC
OSCI, OSCO: ROSC = 33 kΩ ,
COSC = 220 pF
210
300
390
kHz
IDD1
VDD: power saving mode
–
–
5
μA
IDD2
VDD: VDD = 6.0 V, output open,
fOSC = 300 kHz
–
450
900
μA
ILCD1
VLCD: power saving mode
–
–
5
μA
Supply current
ILCD2
VLCD: VLCD = 10.0 V, output
open, fOSC = 300 kHz
–
200
400
μA
NOTE: Excluding the bias voltage generation divider resistor built into the VLCD1, VLCD2, and VLCD3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com