Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 8 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 8 Page - Finechips

Back Button FD2000 Datasheet HTML 4Page - Finechips FD2000 Datasheet HTML 5Page - Finechips FD2000 Datasheet HTML 6Page - Finechips FD2000 Datasheet HTML 7Page - Finechips FD2000 Datasheet HTML 8Page - Finechips FD2000 Datasheet HTML 9Page - Finechips FD2000 Datasheet HTML 10Page - Finechips FD2000 Datasheet HTML 11Page - Finechips FD2000 Datasheet HTML 12Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
FD2000
Rev1.0
8/37
5. PIN DESCRIPTIONS
Pin Names
Pin No.
Pin Description
Active
I/O
Handling
when unused
S1-S58
1-58
(79,80,
1-56)
S59/COM10
59(57)
S60/COM9
60(58)
Segment driver outputs.
The S59/COM10 and S60/COM9 pins can be used as
common driver outputs under the “set display technique”
instruction.
-
O
Open
COM1-COM8
68-61
(66-59)
Common driver outputs.
-
O
Open
OSCI
76(74)
-
I
GND
OSCO
75(73)
Oscillator connections. An oscillator circuit is formed by
connecting an external resistor and capacitor at these pins.
-
O
Open
CE
78(76)
Chip enable
H
I
CL
79(77)
Synchronization clock
I
DI
80(78)
Serial data transfer inputs.
These pins are connected to
the microcontroller.
Transfer data
-
I
GND
RESETB
77(75)
Reset signal input.
• When RESETB is low (VSS):
• Display off
S1 to S58 = “L” (VSS).
S59/COM10 and S60/COM9 = “L” (VSS).
COM1 to COM8 = “L” (VSS).
• Serial data transfer is disabled.
• The OSCI/OSCO pin oscillator is stopped.
• When RESETB is high (VDD):
• Display on after a “display on/off control” (display
on state setting) instruction is executed.
• Serial data transfers are enabled.
• The OSCI/OSCO pin oscillator operates.
L
I
GND
VLCD1
71(69)
Used for applying the LCD drive 3/4 bias voltage externally.
-
I
Open
VLCD2
72(70)
Used for applying the LCD drive 2/4 bias voltage externally.
-
I
Open
VLCD3
73(71)
Used for applying the LCD drive 1/4 bias voltage externally.
-
I
Open
VDD
69(67)
Logic block power supply connection. Provide a voltage of
between 2.7 and 6.0 V.
-
-
-
VLCD
70(68)
LCD driver block power supply connection. Provide a voltage
of between 4.5 and 10.0 V.
-
-
-
VSS
74(72)
Power supply connection. Connect to ground.
-
-
-
NOTE: Parentheses indicate pin number for 80-LQFP-1212 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com