Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 33 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 33 Page - Finechips

Back Button FD2000 Datasheet HTML 29Page - Finechips FD2000 Datasheet HTML 30Page - Finechips FD2000 Datasheet HTML 31Page - Finechips FD2000 Datasheet HTML 32Page - Finechips FD2000 Datasheet HTML 33Page - Finechips FD2000 Datasheet HTML 34Page - Finechips FD2000 Datasheet HTML 35Page - Finechips FD2000 Datasheet HTML 36Page - Finechips FD2000 Datasheet HTML 37Page - Finechips  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
FD2000
Rev1.0
33/37
16.2. ALLOWABLE OPERATING RANGES
(TA = –40 to 85°C, VSS = 0 V)
Ratings
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VDD
VDD
2.7
-
6.0
V
Operating Voltage
VLCD
VLCD
4.5
-
10.0
V
VLCD1
VLCD1
-
3/4 VLCD
VLCD
V
VLCD2
VLCD2
-
2/4 VLCD
VLCD
V
Input voltage
VLCD3
VLCD3
-
1/4 VLCD
VLCD
V
VIH1
CE, CL, DI, RESETB
0.8 VDD
-
6.0
V
Input high level voltage
VIH2
OSCI
0.7 VDD
-
VDD
V
VIL1
CE, CL, DI, RESETB
0
-
0.2 VDD
V
Input low level voltage
VIL2
OSCI
0
-
0.3 VDD
V
Recommended external
resistance
ROSC
OSCI, OSCO
-
33
-
kΩ
Recommended external
capacitance
COSC
OSCI, OSCO
-
220
-
pF
Guaranteed oscillation range
fOSC
OSC
150
300
600
kHz
Data setup time
tds
CL, DI
160
-
-
ns
Data hold time
tdh
CL, DI
160
-
-
ns
CE wait time
tcp
CE, CL
160
-
-
ns
CE setup time
tcs
CE, CL
160
-
-
ns
CE hold time
tch
CE, CL
160
-
-
ns
High level clock pulse width
tøH
CL
160
-
-
ns
Low level clock pulse width
tøL
CL
160
-
-
ns
Minimum reset pulse width
tWRES
RESETB
1
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com