Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 9 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 9 Page - Finechips

Back Button FD2000 Datasheet HTML 5Page - Finechips FD2000 Datasheet HTML 6Page - Finechips FD2000 Datasheet HTML 7Page - Finechips FD2000 Datasheet HTML 8Page - Finechips FD2000 Datasheet HTML 9Page - Finechips FD2000 Datasheet HTML 10Page - Finechips FD2000 Datasheet HTML 11Page - Finechips FD2000 Datasheet HTML 12Page - Finechips FD2000 Datasheet HTML 13Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
FD2000
Rev1.0
9/37
6. BLOCK FUNCTIONS
6.1. AC (ADDRESS COUNTER)
AC is a counter that provides the addresses used for DCRAM and ADRAM.
The address is automatically modified internally, and the LCD display state is retained.
6.2. DCRAM (DATA CONTROL RAM)
DCRAM is RAM that is used to store display data expressed as 8-bit character codes. (These character codes are
converted to 5 x 7, 5 x 8, or 5 x 9 dot matrix character patterns using CGROM or CGRAM.) DCRAM has a
capacity of 48 x 8 bits, and can hold 48 characters. The table below lists the correspondence between the 6-bit
DCRAM address loaded into AC and the display position on the LCD panel.
− When the DCRAM address loaded into AC is 00H.
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
DCRAM address(HEX)
00
01
02
03
04
05
06
07
08
09
0A
0B
However, when the display shift is performed by specifying MDATA, the DCRAM address shifts as shown below.
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
DCRAM address(HEX)
01
02
03
04
05
06
07
08
09
0A
0B
0C
(Left shift)
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
DCRAM address(HEX)
2F
00
01
02
03
04
05
06
07
08
09
0A
(Right shift)
NOTE: The DCRAM addresses are expressed in hexadecimal.
LSB
MSB
DCRAM address
DA0
DA1
DA2
DA3
DA4
DA5
HEX
← HEX →
Example: When the DCRAM address is 2EH.
LSB
MSB
DA0
DA1
DA2
DA3
DA4
DA5
0
1
1
1
0
1
NOTE: 5 x 7 dots ... 12-digit display
5 x 7 dots
5 x 8 dots ... 12-digit display
4 x 8 dots
5 x 9 dots ... 12-digit display
3 x 9 dots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com