Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 16 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 16 Page - Finechips

Back Button FD2000 Datasheet HTML 12Page - Finechips FD2000 Datasheet HTML 13Page - Finechips FD2000 Datasheet HTML 14Page - Finechips FD2000 Datasheet HTML 15Page - Finechips FD2000 Datasheet HTML 16Page - Finechips FD2000 Datasheet HTML 17Page - Finechips FD2000 Datasheet HTML 18Page - Finechips FD2000 Datasheet HTML 19Page - Finechips FD2000 Datasheet HTML 20Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
FD2000
Rev1.0
16/37
10.2.2. DG1 to DG12: Specifies the display digit
Display digit
1
2
3
4
5
6
7
8
9
10
11
12
Display digit data
DG1
DG2
DG3
DG4
DG5
DG6
DG7
DG8
DG9
DG10
DG11
DG12
For example, if DG1 to DG6 are 1, and DG7 to DG12 are 0, then display digits 1 to 6 will be turned on, and display digits 7 to 12
will be turned off (blanked).
10.2.3. SC: Controls the common and segment output pins
SC
Common and segment output pin states
0
Output of LCD drive waveforms
1
Fixed at the VSS level (all segments off)
NOTE: When SC is 1, the S1 to S60 and COM1 to COM10 output pins are set to the VSS level, regardless of the M, A, and DG1 to DG12
data.
10.2.4. BU: Controls the normal mode and power saving mode
BU
Mode
0
Normal mode
1
Power saving mode
(In this mode, the OSCI and OSCO pins oscillator is stopped, and the common and segment pins are set to the VSS level. In
this mode, instructions other than the “display on/off control” instruction cannot be executed. Thus applications must set the LSI
to normal mode before executing any of the other instructions.)
10.3. DISPLAY SHIFT ― Shifts the display
Code
D56
D57
D58
D59
D60
D61
D62
D63
M
A
R/L
X
0
0
1
1
X: don’t care
10.3.1. M, A: Specifies the data to be shifted
M
A
Shift operating state
0
0
Neither MDATA nor ADATA is shifted
0
1
Only ADATA is shifted
1
0
Only MDATA is shifted
1
1
Both MDATA and ADATA are shifted
10.3.2. R/L: Shift direction specification
R/L
Shift direction
0
Left shift
1
Right shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com