Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 32 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 32 Page - Finechips

Back Button FD2000 Datasheet HTML 28Page - Finechips FD2000 Datasheet HTML 29Page - Finechips FD2000 Datasheet HTML 30Page - Finechips FD2000 Datasheet HTML 31Page - Finechips FD2000 Datasheet HTML 32Page - Finechips FD2000 Datasheet HTML 33Page - Finechips FD2000 Datasheet HTML 34Page - Finechips FD2000 Datasheet HTML 35Page - Finechips FD2000 Datasheet HTML 36Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
FD2000
Rev1.0
32/37
16. ELECTRICAL CHARACTERISTICS
16.1. ABSOLUTE MAXIMUM RATINGS
(TA = 25 °C, VSS=0V)
Parameter
Symbol
Conditions
Ratings
Unit
VDD max
VDD
–0.3 to +7.0
V
Maximum supply voltage
VLCD max
VLCD
–0.3 to +11.0
V
VIN1
CE, CL, DI, RESETB
–0.3 to +7.0
V
VIN2
OSCI
–0.3 to VDD + 0.3
V
Input voltage
VIN3
VLCD1, VLCD2, VLCD3
–0.3 to VLCD + 0.3
V
VOUT1
OSCO
–0.3 to VDD + 0.3
V
Output voltage
VOUT2
S1 to S60, COM1 to COM10
–0.3 to VLCD + 0.3
V
IOUT1
S1 to S60
300
uA
Output current
IOUT2
COM1 to COM10
3
mA
Allowable power dissipation
Pd max
Ta = 85°C
200
mW
Operating temperature
Topr
-
–40 to +85
°C
Storage temperature
Tstg
-
–55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com