Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD2000 Datasheet(PDF) 30 Page - Finechips

Part # FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Datasheet(HTML) 30 Page - Finechips

Back Button FD2000 Datasheet HTML 26Page - Finechips FD2000 Datasheet HTML 27Page - Finechips FD2000 Datasheet HTML 28Page - Finechips FD2000 Datasheet HTML 29Page - Finechips FD2000 Datasheet HTML 30Page - Finechips FD2000 Datasheet HTML 31Page - Finechips FD2000 Datasheet HTML 32Page - Finechips FD2000 Datasheet HTML 33Page - Finechips FD2000 Datasheet HTML 34Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
FD2000
Rev1.0
30/37
Continued from preceding page.
LSB
Instruction (Hex)
MSB
No.
D40
to
D43
D44
to
D47
D48
to
D51
D52
to
D55
D56
to
D59
D60
to
D63
Display
Operation
DCRAM data write (increment mode)
20
0
3
Writes the display data “0” to DCRAM address 11H
DCRAM data write (increment mode)
21
0
2
0
A
Writes the display data “ ” to DCRAM address 12H
Set AC address
22
0
0
0
2
Loads the DCRAM address 00H and the ADRAM address
0H into AC
Display on/off control
23
F
F
F
X
1
4
F I N E C H I P S
Turns on the LCD for all digits (12 digits) in MDATA
Display shift
24
1
C
F I N E C H I P S
F
Shifts the display (MDATA only) to the left
Display shift
25
1
C
I N E C H I P S
F D
Shifts the display (MDATA only) to the left
Display shift
26
1
C
N E C H I P S
F D 2
Shifts the display (MDATA only) to the left
Display shift
27
1
C
E C H I P S
F D 2 0
Shifts the display (MDATA only) to the left
Display shift
28
1
C
C H I P S
F D 2 0 0
Shifts the display (MDATA only) to the left
Display shift
29
1
C
H I P S
F D 2 0 0 0
Shifts the display (MDATA only) to the left
Display shift
30
1
C
I P S
F D 2 0 0 0
Shifts the display (MDATA only) to the left
Display on/off control
31
0
0
0
X
8
4
Set to power saving mode, turns off the LCD for all digits
Display on/off control
32
F
F
F
X
1
4
I P S
F D 2 0 0 0
Turns on the LCD for all digits (12 digits) in MDATA
Set AC address
33
0
0
0
2
F I N E C H I P S
Loads the DCRAM address 00H and the ADRAM address
0H into AC
X: don’t care
NOTE: This example above assumes the use of 12 digits 5 ´ 7 dot matrix LCD. CGRAM and ADRAM are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com