Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 4 Page - NXP Semiconductors

  NTS0102GD Datasheet HTML 1Page - NXP Semiconductors NTS0102GD Datasheet HTML 2Page - NXP Semiconductors NTS0102GD Datasheet HTML 3Page - NXP Semiconductors NTS0102GD Datasheet HTML 4Page - NXP Semiconductors NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
4 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
Fig 4.
Pin configuration SOT996-2 (XSON8U)
Fig 5.
Pin configuration SOT1160-1 (XQFN10)
001aam490
NTS0102
Transparent top view
8
7
6
5
1
2
3
4
B2
GND
VCC(A)
A2
B1
VCC(B)
OE
A1
NTS0102
7 n.c.
6VCC(B)
A2 1
VCC(A) 2
terminal 1
index area
001aam559
Transparent top view
Fig 6.
Pin configuration SOT1309-1 (XQFN8)
8
7
6
VCC(B)
B1
B2
A1
A2
GND
2
3
4
aaa-001515
Transparent top view
NTS0102
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com