Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 10Page - NXP Semiconductors NTS0102GD Datasheet HTML 11Page - NXP Semiconductors NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors NTS0102GD Datasheet HTML 14Page - NXP Semiconductors NTS0102GD Datasheet HTML 15Page - NXP Semiconductors NTS0102GD Datasheet HTML 16Page - NXP Semiconductors NTS0102GD Datasheet HTML 17Page - NXP Semiconductors NTS0102GD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
14 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
[1]
VCCI is the supply voltage associated with the input.
[2]
For measuring data rate, pulse width, propagation delay and output rise and fall measurements, RL = 1 M; for measuring enable and
disable times, RL = 50 K.
[3]
VCCO is the supply voltage associated with the output.
Test data is given in Table 13.
All input pulses are supplied by generators having the following characteristics: PRR
 10 MHz; Z
O = 50 ; dV/dt  1.0 V/ns.
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
VEXT = External voltage for measuring switching times.
Fig 9.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aal963
VEXT
VCC
VI
VO
DUT
CL
RL
RL
G
Table 13.
Test data
Supply voltage
Input
Load
VEXT
VCC(A)
VCC(B)
VI[1]
t/V
CL
RL[2]
tPLH, tPHL tPZH, tPHZ
tPZL, tPLZ[3]
1.65 V to 3.6 V 2.3 V to 5.5 V
VCCI
 1.0ns/V
15pF
50k
, 1 M open
open
2VCCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com