Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors NTS0102GD Datasheet HTML 10Page - NXP Semiconductors NTS0102GD Datasheet HTML 11Page - NXP Semiconductors NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors NTS0102GD Datasheet HTML 14Page - NXP Semiconductors NTS0102GD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
11 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
tdis
disable time
OE to A; no external load
[2]
-30
-
30
-
30
ns
OE to B; no external load
[2]
-30
-
30
-
30
ns
OE to A
-
250
-
250
-
250
ns
OE to B
-
220
-
220
-
220
ns
tTLH
LOW to HIGH
output transition
time
A port
3.2
11.9
2.3
11.7
1.8
9.5
ns
B port
3.3
13.5
2.7
11.4
2.7
9.5
ns
tTHL
HIGH to LOW
output transition
time
A port
2.0
7.4
1.9
7.5
1.7
16.7
ns
B port
2.9
9.5
2.8
9.4
2.8
12.5
ns
tsk(o)
output skew time
between channels
[3]
-
0.8
-
0.8
-
0.8
ns
tW
pulse width
data inputs
20
-
20
-
20
-
ns
fdata
data rate
-
50
-
50
-
50
Mbps
VCC(A) = 2.5 V  0.2 V
tPHL
HIGH to LOW
propagation delay
A to B
-
4.0
-
4.2
-
4.3
ns
tPLH
LOW to HIGH
propagation delay
A to B
-
4.4
-
5.2
-
5.5
ns
tPHL
HIGH to LOW
propagation delay
B to A
-
3.8
-
4.5
-
5.4
ns
tPLH
LOW to HIGH
propagation delay
B to A
-
3.2
-
2.0
-
0.9
ns
ten
enable time
OE to A; B
-
200
-
200
-
200
ns
tdis
disable time
OE to A; no external load
[2]
-25
-
25
-
25
ns
OE to B; no external load
[2]
-25
-
25
-
25
ns
OE to A
-
220
-
220
-
220
ns
OE to B
-
220
-
220
-
220
ns
tTLH
LOW to HIGH
output transition
time
A port
2.8
9.3
2.6
8.3
1.8
7.8
ns
B port
3.2
10.4
2.9
9.7
2.4
8.3
ns
tTHL
HIGH to LOW
output transition
time
A port
1.9
7.2
1.9
6.9
1.8
6.7
ns
B port
2.2
9.8
2.4
8.4
2.6
8.3
ns
tsk(o)
output skew time
between channels
[3]
-
0.8
-
0.8
-
0.8
ns
tW
pulse width
data inputs
20
-
20
-
20
-
ns
fdata
data rate
-
50
-
50
-
50
Mbps
VCC(A) = 3.3 V  0.3 V
tPHL
HIGH to LOW
propagation delay
A to B
-
-
-
3.0
-
3.9
ns
tPLH
LOW to HIGH
propagation delay
A to B
-
-
-
5.3
-
5.5
ns
Table 11.
Dynamic characteristics for temperature range
40 C to +125 C[1] …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9; for wave forms see Figure 7 and Figure 8.
Symbol Parameter
Conditions
VCC(B)
Unit
2.5 V
 0.2 V
3.3 V
 0.3 V
5.0 V
 0.5 V
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com