Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 2 Page - NXP Semiconductors

  NTS0102GD Datasheet HTML 1Page - NXP Semiconductors NTS0102GD Datasheet HTML 2Page - NXP Semiconductors NTS0102GD Datasheet HTML 3Page - NXP Semiconductors NTS0102GD Datasheet HTML 4Page - NXP Semiconductors NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
2 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NTS0102DP
40 C to +125 C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
NTS0102GT
40 Cto+125 C
XSON8
plastic extremely thin small outline package;
no leads; 8 terminals; body 1
 1.95  0.5 mm
SOT833-1
NTS0102GD
40 Cto+125 C
XSON8U
plastic extremely thin small outline package; no
leads; 8 terminals; UTLP based; body 3
 2  0.5 mm
SOT996-2
NTS0102GF
40 C to +125 C
XSON8
extremely thin small outline package; no leads;
8 terminals; body 1.35
 1  0.5 mm
SOT1089
NTS0102GU
40 C to +125 C
XQFN10
plastic, extremely thin quad flat package; no leads;
10 terminals; body 1.40
 1.80  0.50 mm
SOT1160-1
NTS0102GU8
40 C to +125 C
XQFN8
XQFN8: plastic, extremely thin quad flat package; no
leads; 8 terminals; body 1.4
 1.2  0.5 mm
SOT1309-1
Table 2.
Marking
Type number
Marking code
NTS0102DP
s02
NTS0102GT
s02
NTS0102GD
s02
NTS0102GF
s2
NTS0102GU
s2
NTS0102GU8
s2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com