Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors NTS0102GD Datasheet HTML 10Page - NXP Semiconductors NTS0102GD Datasheet HTML 11Page - NXP Semiconductors NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors NTS0102GD Datasheet HTML 14Page - NXP Semiconductors NTS0102GD Datasheet HTML 15Page - NXP Semiconductors NTS0102GD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
12 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
[1]
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[2]
Delay between OE going LOW and when the outputs are actually disabled.
[3]
Skew between any two outputs of the same package switching in the same direction.
13. Waveforms
tPHL
HIGH to LOW
propagation delay
B to A
-
-
-
3.2
-
4.2
ns
tPLH
LOW to HIGH
propagation delay
B to A
-
-
-
3.2
-
3.3
ns
ten
enable time
OE to A; B
-
-
-
200
-
200
ns
tdis
disable time
OE to A; no external load
[2]
-
-
-
20
-
20
ns
OE to B; no external load
[2]
-
-
-
20
-
20
ns
OE to A
-
-
-
280
-
280
ns
OE to B
-
-
-
220
-
220
ns
tTLH
LOW to HIGH
output transition
time
A port
-
-
2.3
7.0
1.9
7.4
ns
B port
-
-
2.5
8.0
2.1
9.3
ns
tTHL
HIGH to LOW
output transition
time
A port
-
-
2.0
6.8
1.9
6.3
ns
B port
-
-
2.3
9.3
2.4
9.5
ns
tsk(o)
output skew time
between channels
[3]
-
-
-
0.8
-
0.8
ns
tW
pulse width
data inputs
-
-
20
-
20
-
ns
fdata
data rate
-
-
-
50
-
50
Mbps
Table 11.
Dynamic characteristics for temperature range
40 C to +125 C[1] …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9; for wave forms see Figure 7 and Figure 8.
Symbol Parameter
Conditions
VCC(B)
Unit
2.5 V
 0.2 V
3.3 V
 0.3 V
5.0 V
 0.5 V
Min
Max
Min
Max
Min
Max
Measurement points are given in Table 12.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The data input (An, Bn) to data output (Bn, An) propagation delay times
001aal918
tPLH
tPHL
VM
VM
Bn, An
output
An, Bn
input
VI
GND
VOH
VOL
tTHL
tTLH
90 %
10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com