Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors NTS0102GD Datasheet HTML 14Page - NXP Semiconductors NTS0102GD Datasheet HTML 15Page - NXP Semiconductors NTS0102GD Datasheet HTML 16Page - NXP Semiconductors NTS0102GD Datasheet HTML 17Page - NXP Semiconductors NTS0102GD Datasheet HTML 18Page - NXP Semiconductors NTS0102GD Datasheet HTML 19Page - NXP Semiconductors NTS0102GD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
16 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
The gate bias voltage of the pass gate transistor (T3) is set at approximately one
threshold voltage above the VCC level of the low-voltage side. During a LOW-to-HIGH
transition the output one-shot accelerates the output transition by switching on the PMOS
transistors (T1, T2) bypassing the 10 k
 pull-up resistors and increasing current drive
capability. The one-shot is activated once the input transition reaches approximately
VCCI/2; it is de-activated approximately 50 ns after the output reaches VCCO/2. During the
acceleration time the driver output resistance is between approximately 50
 and 70 . To
avoid signal contention and minimize dynamic ICC, the user should wait for the one-shot
circuit to turn-off before applying a signal in the opposite direction. Pull-up resistors are
included in the device for DC current sourcing capability.
14.3 Input driver requirements
As the NTS0102 is a switch type translator, properties of the input driver directly effect the
output signal. The external open-drain or push-pull driver applied to an I/O determines the
static current sinking capability of the system; the max data rate, HIGH-to-LOW output
transition time (tTHL) and propagation delay (tPHL) are dependent upon the output
impedance and edge-rate of the external driver. The limits provided for these parameters
in the datasheet assume a driver with output impedance below 50
 is used.
14.4 Output load considerations
The maximum lumped capacitive load that can be driven is dependant upon the one-shot
pulse duration. In cases with very heavy capacitive loading there is a risk that the output
will not reach the positive rail within the one-shot pulse duration.
To avoid excessive capacitive loading and to ensure correct triggering of the one-shot it's
recommended to use short trace lengths and low capacitance connectors on NTS0102
PCB layouts. To ensure low impedance termination and avoid output signal oscillations
and one-shot re-triggering, the length of the PCB trace should be such that the round trip
delay of any reflection is within the one-shot pulse duration (approximately 50 ns).
14.5 Power up
During operation VCC(A) must never be higher than VCC(B), however during power-up
VCC(A)  VCC(B) does not damage the device, so either power supply can be ramped up
first. There is no special power-up sequencing required. The NTS0102 includes circuitry
that disables all output ports when either VCC(A) or VCC(B) is switched off.
14.6 Enable and disable
An output enable input (OE) is used to disable the device. Setting OE = LOW
causes all I/Os to assume the high-impedance OFF-state. The disable time (tdis with no
external load) indicates the delay between when OE goes LOW and when outputs
actually become disabled. The enable time (ten) indicates the amount of time the user
must allow for one one-shot circuitry to become operational after OE is taken HIGH. To
ensure the high-impedance OFF-state during power-up or power-down, pin OE should be
tied to GND through a pull-down resistor, the minimum value of the resistor is determined
by the current-sourcing capability of the driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com