Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 2Page - NXP Semiconductors NTS0102GD Datasheet HTML 3Page - NXP Semiconductors NTS0102GD Datasheet HTML 4Page - NXP Semiconductors NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors NTS0102GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
6 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
[1]
The minimum input and minimum output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output.
[3]
For TSSOP8 package: above 55
C the value of P
tot derates linearly with 2.5 mW/K.
For XSON8 and XSON8U packages: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
For XQFN10 package: above 128
C the value of P
tot derates linearly with 11.5 mW/K.
For XQFN8 package: above 105.5
C the value of P
tot derates linearly with 5.6 mW/K.
10. Recommended operating conditions
[1]
The A and B sides of an unused I/O pair must be held in the same state, both at VCCI or both at GND.
[2]
VCC(A) must be less than or equal to VCC(B).
11. Static characteristics
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -250
mW
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Recommended operating conditions[1][2]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.65
3.6
V
VCC(B)
supply voltage B
2.3
5.5
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
A or B port; push-pull driving
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-
10
ns/V
OE input
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-
10
ns/V
Table 7.
Typical static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
II
input leakage
current
OE input; VI = 0 V to 3.6 V; VCC(A) = 1.65Vto 3.6V;
VCC(B) = 2.3 V to 5.5 V
--
1
A
IOZ
OFF-state output
current
A or B port; VO =0 V orVCCO; VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
[1] --
1
A
IOFF
power-off
leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) =0Vto5.5 V
--
1
A
B port; VI or VO = 0 V to 5.5 V;
VCC(B) =0V; VCC(A) =0Vto3.6 V
--
1
A
CI
input
capacitance
OE input; VCC(A) = 3.3 V; VCC(B) =3.3 V
-
1
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com