Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS0102GD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102GD Datasheet(HTML) 5 Page - NXP Semiconductors

  NTS0102GD Datasheet HTML 1Page - NXP Semiconductors NTS0102GD Datasheet HTML 2Page - NXP Semiconductors NTS0102GD Datasheet HTML 3Page - NXP Semiconductors NTS0102GD Datasheet HTML 4Page - NXP Semiconductors NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
5 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
When either VCC(A) or VCC(B) is at GND level, the device goes into power-down mode.
9.
Limiting values
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT833-1,
SOT1089 and SOT996-2
SOT1160-1
SOT1309
B2, B1
1, 8
5, 8
6, 7
data input or output (referenced to VCC(B))
GND
2
9
4
ground (0 V)
VCC(A)
3
2
1
supply voltage A
A2, A1
4, 5
1, 10
3, 2
data input or output (referenced to VCC(A))
OE
6
4
5
output enable input (active HIGH; referenced to
VCC(A))
VCC(B)
7
6
8
supply voltage B
n.c.
-
3, 7
-
not connected
Table 4.
Function table[1]
Supply voltage
Input
Input/output
VCC(A)
VCC(B)
OE
An
Bn
1.65 V to VCC(B)
2.3 V to 5.5 V
L
Z
Z
1.65 V to VCC(B)
2.3 V to 5.5 V
H
input or output
output or input
GND[2]
GND[2]
XZ
Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.5
+6.5
V
VCC(B)
supply voltage B
0.5
+6.5
V
VI
input voltage
A port and OE input
[1][2]
0.5
+6.5
V
B port
[1][2]
0.5
+6.5
V
VO
output voltage
Active mode
[1][2]
A or B port
0.5
VCCO +0.5
V
Power-down or 3-state mode
[1]
A port
0.5
+4.6
V
B port
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
IOK
output clamping current
VO <0V
50
-
mA
IO
output current
VO =0Vto VCCO
[2] -
50
mA
ICC
supply current
ICC(A) or ICC(B)
-100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com