Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS841S012DI Datasheet HTML 1Page - Integrated Device Technology ICS841S012DI Datasheet HTML 2Page - Integrated Device Technology ICS841S012DI Datasheet HTML 3Page - Integrated Device Technology ICS841S012DI Datasheet HTML 4Page - Integrated Device Technology ICS841S012DI Datasheet HTML 5Page - Integrated Device Technology ICS841S012DI Datasheet HTML 6Page - Integrated Device Technology ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
2
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
BLOCK DIAGRAM
0
1
1
0
PLL
VCO
2GHz
M = ÷80
÷NA
÷NC
OSC
2
3
2
QA0
nQA0
QA1
nQA1
QB0
QC
QB1
QB2
QB3
QB4
QB5
QB6
REF_OUT0
REF_OUT1
QA_OE
F_SELA[1:0]
BYPASS
REF_IN
IREF
REF_OE
REF_SEL
nMR
SSC[1:0]
XTAL_IN
XTAL_OUT
25MHz
Pulldown
Pullup
3
F_SELC[2:0]
Pulldown
Pullup
QBC_OE
Pullup
F_SELB[2:0]
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pullup
Spread
Spectrum
÷NB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com