Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS841S012DI Datasheet HTML 1Page - Integrated Device Technology ICS841S012DI Datasheet HTML 2Page - Integrated Device Technology ICS841S012DI Datasheet HTML 3Page - Integrated Device Technology ICS841S012DI Datasheet HTML 4Page - Integrated Device Technology ICS841S012DI Datasheet HTML 5Page - Integrated Device Technology ICS841S012DI Datasheet HTML 6Page - Integrated Device Technology ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Crystal-to-0.7V Differential HCSL/
LVCMOS Frequency Synthesizer
ICS841S012DI
DATA SHEET
ICS841S012DKI REVISION A JULY 20, 2009
1
©2009 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The ICS841S012DI is an optimized PCIe, sRIO
and Gigabit Ethernet Frequency Synthesizer and
a member of HiperClock s™family of high perfor-
mance
clock
solutions
from
IDT.
The
ICS841S012DI uses a 25MHz parallel resonant
crystal to generate 33.33MHz - 200MHz clock signals, replac-
ing multiple oscillators and fanout buffer solutions. The device
supports ±0.25% center-spread, and -0.5% down-spread clock-
ing with two spread select pins (SSC[1:0]). The VCO operates
at a frequency of 2GHz. The device has three output banks:
Bank A with two 100MHz – 250MHz HCSL outputs; Bank B
with seven 33.33MHz – 200MHz LVCMOS/ LVTTL outputs; and
Bank C with one 33.33MHz – 200MHz LVCMOS/LVTTL output.
All Banks A, B and C have their own dedicated frequency
select pins and can be independently set for the frequencies
mentioned above. The low jitter character istic of the
ICS841S012DI makes it an ideal clock source for PCIe, sRIO
and Gigabit Ethernet applications. Designed for networking and
industrial applications, the ICS841S012DI can also drive the
high-speed clock inputs of communication processors, DSPs,
switches and bridges.
HiPerClockS™
ICS
FEATURES
• Two 0.7V differential HCSL outputs (Bank A), configurable for
PCIe (100MHz or 250MHz) and sRIO (100MHz or 125MHz)
clock signals
Eight LVCMOS/LVTTL outputs (Banks B/C),
18
Ω typical output impedance
Two REF_OUT LVCMOS/LVTTL clock outputs,
23
Ω typical output impedance
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or one LVCMOS/LVTTL single-ended
reference clock input
• Supports the following output frequencies:
HCSL Bank A: 100MHz, 125MHz, 200MHz and 250MHz
LVCMOS/LVTTL Bank B/C: 33.33MHz, 50MHz, 66.67MHz,
100MHz, 125MHz, 133.33MHz, 166.67MHz and 200MHz
• VCO: 2GHz
• Spread spectrum clock: ±0.25% center-spread (typical) and
-0.6% down-spread (typical)
• PLL bypass and output enable
• RMS period jitter: 10ps (typical), QAx/nQAx outputs
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
PIN ASSIGNMENT
15 16 17 18 19 20 21 22 23 24 25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
36
37
38
39
40
41
42
35
34
33
32
31
30
29
VDD_REFOUT
REF_OUT0
REF_OUT1
GND
GND
REF_IN
VDD
VDD
REF_SEL
XTAL_IN
XTAL_OUT
BYPASS
REF_OE
nMR
VDDOC
QC
GND
QBC_OE
VDDA
VDDA
VDD
GND
GND
IREF
QA0
nQA0
QA1
nQA1
48
49
50
51
52
53
54
55
56
47 46 45 44 43
ICS841S012DI
56-Lead VFQFN
8mm x 8mm x 0.925mm
package body
K Package
Top View


Similar Part No. - ICS841S012DI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS841S012DI RENESAS-ICS841S012DI Datasheet
484Kb / 24P
Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
January 4, 2016
More results

Similar Description - ICS841S012DI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85105I IDT-ICS85105I Datasheet
314Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
ICS841S012I IDT-ICS841S012I Datasheet
194Kb / 23P
Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
841S012DI IDT-841S012DI Datasheet
289Kb / 23P
Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
844S2416I IDT-844S2416I Datasheet
309Kb / 23P
HCSL/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
85102I RENESAS-85102I Datasheet
348Kb / 18P
Low Skew, 1-to-2, Differential/LVCMOS to- 0.7V HCSL Fanout Buffer
DECEMBER 19, 2014
ICS841S012DI RENESAS-ICS841S012DI Datasheet
484Kb / 24P
Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
January 4, 2016
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
844S2416 RENESAS-844S2416 Datasheet
522Kb / 24P
FemtoClock® NG Crystal-to-Differential HCSL/LVCMOS Frequency Synthesizer
April 29, 2016
85105I RENESAS-85105I Datasheet
415Kb / 18P
Low Skew, 1-to-5, Differential/LVCMOS-to- 0.7V HCSL Fanout Buffer
January 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com