Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS841S012DI Datasheet HTML 3Page - Integrated Device Technology ICS841S012DI Datasheet HTML 4Page - Integrated Device Technology ICS841S012DI Datasheet HTML 5Page - Integrated Device Technology ICS841S012DI Datasheet HTML 6Page - Integrated Device Technology ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology ICS841S012DI Datasheet HTML 10Page - Integrated Device Technology ICS841S012DI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
7
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
TABLE 6. AC CHARACTERISTICS, V
DD = VDD_REFOUT = VDDOB = VDDOC = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
]
6
:
0
[
B
Q3
3
.
3
30
0
2z
H
M
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q0
0
10
5
2z
H
M
C
Q3
3
.
3
30
0
2z
H
M
t
)
b
(
k
s
;
w
e
k
S
k
n
a
B
2
,
1
E
T
O
N
]
6
:
0
[
B
Q
0
5s
p
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q
0
5s
p
t
)
o
(
k
s3
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
C
d
n
a
B
s
k
n
a
B
s
s
o
r
c
a
)
y
c
n
e
u
q
e
r
F
e
m
a
S
t
a
(
0
6
1s
p
t
)
c
c
(
t
ij
e
l
c
y
C
-
o
t
-
e
l
c
y
C
1
E
T
O
N
;
r
e
t
t
i
J
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q
e
m
a
S
t
a
s
t
u
p
t
u
O
ll
A
y
c
n
e
u
q
e
r
F
5
6s
p
t
)
r
e
p
(
t
ijr
e
t
t
i
J
d
o
i
r
e
P
S
M
R
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q
s
t
u
p
t
u
O
ll
A
,
0
=
E
O
_
F
E
R
y
c
n
e
u
q
e
r
F
e
m
a
S
t
a
0
1s
p
]
6
:
0
[
B
Q
0
2s
p
C
Q
0
2s
p
F
M
n
o
i
t
a
l
u
d
o
M
C
S
S
y
c
n
e
u
q
e
r
F
C
,
B
,
A
s
k
n
a
B9
23
3
.
3
3z
H
k
V
H
G
I
H
5
,
4
E
T
O
N
;
h
g
i
H
e
g
a
t
l
o
V
0
8
50
0
2
1V
m
V
W
O
L
6
,
4
E
T
O
N
;
w
o
L
e
g
a
t
l
o
V
0
5
1
-V
m
V
S
S
O
R
C
;
e
g
a
t
l
o
V
g
n
i
s
s
o
r
C
e
t
u
l
o
s
b
A
8
,
7
,
4
E
T
O
N
0
0
20
0
6V
m
ΔV
S
S
O
R
C
V
f
o
n
o
i
t
a
i
r
a
V
l
a
t
o
T
S
S
O
R
C
ll
a
r
e
v
o
9
,
7
,
4
E
T
O
N
;
s
e
g
d
e
0
0
2V
m
t
R
t
/
F
ll
a
F
/
e
s
i
R
t
u
p
t
u
O
e
m
i
T
A
k
n
a
Bt
n
i
o
p
s
s
o
r
c
m
o
r
f
V
m
0
5
1
±5
20
0
1s
p
C
,
B
s
k
n
a
B%
0
8
-
%
0
24
.
03
.
1s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
A
k
n
a
B5
45
5%
C
,
B
s
k
n
a
B2
48
5%
d
e
h
s
il
b
a
t
s
e
s
i
h
c
i
h
w
,
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
a
d
e
i
f
i
c
e
p
s
e
h
t
r
e
v
o
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
l
a
c
i
r
t
c
e
l
E
:
E
T
O
N
t
e
e
m
ll
i
w
e
c
i
v
e
d
e
h
T
.
m
p
f
l
0
0
5
n
a
h
t
r
e
t
a
e
r
g
w
o
l
f
r
i
a
e
s
r
e
v
s
n
a
r
t
d
e
n
i
a
t
n
i
a
m
h
t
i
w
t
e
k
c
o
s
t
s
e
t
a
n
i
d
e
t
n
u
o
m
s
i
e
c
i
v
e
d
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
e
s
e
h
t
r
e
d
n
u
d
e
h
c
a
e
r
n
e
e
b
s
a
h
m
u
i
r
b
il
i
u
q
e
l
a
m
r
e
h
t
r
e
t
f
a
s
n
o
i
t
a
c
i
f
i
c
e
p
s
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
C
,
B
O
D
D
.
2
/
.
m
r
o
f
e
v
a
w
d
e
d
n
e
-
e
l
g
n
i
s
m
o
r
f
n
e
k
a
t
t
n
e
m
e
r
u
s
a
e
M
:
4
E
T
O
N
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
t
o
o
h
s
r
e
v
o
g
n
i
d
u
l
c
n
i
e
g
a
t
l
o
v
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
m
e
h
t
s
a
d
e
n
i
f
e
D
:
5
E
T
O
N
.
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
t
o
o
h
s
r
e
d
n
u
g
n
i
d
u
l
c
n
i
e
g
a
t
l
o
v
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
n
i
m
e
h
t
s
a
d
e
n
i
f
e
D
:
6
E
T
O
N
.
n
o
i
t
c
e
S
e
g
d
e
g
n
il
l
a
f
e
h
t
s
l
a
u
q
e
x
Q
f
o
e
g
d
e
g
n
i
s
i
r
e
h
t
f
o
e
u
l
a
v
e
g
a
t
l
o
v
s
u
o
e
n
a
t
n
a
t
s
n
i
e
h
t
e
r
e
h
w
t
n
i
o
p
g
n
i
s
s
o
r
c
t
a
d
e
r
u
s
a
e
M
:
7
E
T
O
N
.
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
x
Q
n
f
o
.
g
n
i
s
s
o
r
c
s
i
e
g
d
e
h
c
i
h
w
f
o
s
s
e
l
d
r
a
g
e
r
,
t
s
e
h
g
i
h
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
s
e
w
o
l
e
h
t
m
o
r
f
n
o
i
t
a
i
r
a
v
l
a
t
o
t
e
h
t
o
t
s
r
e
f
e
R
:
8
E
T
O
N
.
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
t
n
e
m
e
r
u
s
a
e
m
s
i
h
t
r
o
f
s
t
n
i
o
p
g
n
i
s
s
o
r
c
ll
a
o
t
s
r
e
f
e
R
d
e
w
o
ll
a
m
u
m
i
x
a
m
e
h
t
s
i
s
i
h
T
.
x
Q
n
g
n
il
l
a
f
d
n
a
x
Q
g
n
i
s
i
r
f
o
e
g
a
t
l
o
v
g
n
i
s
s
o
r
c
ll
a
f
o
n
o
i
t
a
i
r
a
v
l
a
t
o
t
e
h
t
s
a
d
e
n
i
f
e
D
:
9
E
T
O
N
V
e
h
t
n
i
e
c
n
a
i
r
a
v
S
S
O
R
C
.
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
m
e
t
s
y
s
r
a
l
u
c
i
t
r
a
p
y
n
a
r
o
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com