Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS841S012DI Datasheet HTML 1Page - Integrated Device Technology ICS841S012DI Datasheet HTML 2Page - Integrated Device Technology ICS841S012DI Datasheet HTML 3Page - Integrated Device Technology ICS841S012DI Datasheet HTML 4Page - Integrated Device Technology ICS841S012DI Datasheet HTML 5Page - Integrated Device Technology ICS841S012DI Datasheet HTML 6Page - Integrated Device Technology ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
4
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
c
n
a
t
i
c
a
p
a
C
C
Q
,
]
6
:
0
[
B
QV
D
D
V
,
T
U
O
F
E
R
_
D
D
V
,
,
B
O
D
D
V
C
O
D
D
V
5
6
4
.
3
=9
1F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
C
Q
,
]
6
:
0
[
B
Q
8
1
Ω
]
0
:
1
[
T
U
O
_
F
E
R
3
2
Ω
TABLE 3C. F_SELC FREQUENCY SELECT FUNCTION TABLE
s
t
u
p
n
I
)
.
f
e
R
z
H
M
5
2
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
1
A
L
E
S
_
F0
A
L
E
S
_
Fe
u
l
a
V
r
e
d
i
v
i
D
Me
u
l
a
V
r
e
d
i
v
i
D
A
N)
z
H
M
(
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q
LL
0
80
2)
t
l
u
a
f
e
d
(
0
0
1
LH
0
86
15
2
1
HL
0
80
10
0
2
HH
0
88
0
5
2
TABLE 3A. F_SELA FREQUENCY SELECT FUNCTION TABLE
TABLE 3B. F_SELB FREQUENCY SELECT FUNCTION TABLE
s
t
u
p
n
I
)
.
f
e
R
z
H
M
5
2
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
2
C
L
E
S
_
F1
C
L
E
S
_
F0
C
L
E
S
_
Fe
u
l
a
V
r
e
d
i
v
i
D
Me
u
l
a
V
r
e
d
i
v
i
D
C
N)
z
H
M
(
C
Q
LLL
0
80
6)
t
l
u
a
f
e
d
(
3
3
.
3
3
LL
H
0
80
40
5
LH
L
0
80
37
6
.
6
6
LH
H
0
80
20
0
1
HL
L
0
86
15
2
1
HL
H
0
85
13
3
.
3
3
1
HH
L
0
82
17
6
.
6
6
1
HHH
0
80
10
0
2
s
t
u
p
n
I
)
.
f
e
R
z
H
M
5
2
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
2
B
L
E
S
_
F1
B
L
E
S
_
F0
B
L
E
S
_
Fe
u
l
a
V
r
e
d
i
v
i
D
Me
u
l
a
V
r
e
d
i
v
i
D
B
N)
z
H
M
(
]
6
:
0
[
B
Q
LLL
0
80
6)
t
l
u
a
f
e
d
(
3
3
.
3
3
LL
H
0
80
40
5
LH
L
0
80
37
6
.
6
6
LH
H
0
80
20
0
1
HL
L
0
86
15
2
1
HL
H
0
85
13
3
.
3
3
1
HH
L
0
82
17
6
.
6
6
1
HHH
0
80
10
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com