Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology ICS841S012DI Datasheet HTML 10Page - Integrated Device Technology ICS841S012DI Datasheet HTML 11Page - Integrated Device Technology ICS841S012DI Datasheet HTML 12Page - Integrated Device Technology ICS841S012DI Datasheet HTML 13Page - Integrated Device Technology ICS841S012DI Datasheet HTML 14Page - Integrated Device Technology ICS841S012DI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
11
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
FIGURE 3. GENERAL DIAGRAM FOR LVCMOS DRIVER TO XTAL INPUT INTERFACE
LVCMOS TO XTAL INTERFACE
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in
Figure 3. The XTAL_OUT pin can be left floating. The
input edge rate can be as slow as 10ns. For LVCMOS signals, it
is recommended that the amplitude be reduced from full swing to
half swing in order to prevent signal interference with the power
rail and to reduce noise. This configuration requires that the output
impedance of the driver (Ro) plus the series resistance (Rs)
equals the transmission line impedance. In addition, matched
termination at the crystal input will attenuate the signal in half.
This can be done in one of two ways. First, R1 and R2 in parallel
should equal the transmission line impedance. For most 50
Ω
applications, R1 and R2 can be 100
Ω. This can also be
accomplished by removing R1 and making R2 50
Ω. By overdriving
the crystal oscillator, the device will be functional, but note the
device performance is guaranteed by using a quartz crystal.
R2
Zo = 50
VDD
Ro
Zo = Ro + Rs
R1
VDD
XTAL_IN
XTAL_OUT
.1uf
Rs
CRYSTAL INPUT INTERFACE
The ICS841S012DI has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in
Figure 2 below
were determined using a 25MHz, 18pF parallel resonant crystal
FIGURE 2. CRYSTAL INPUT INTERFACE
and were chosen to minimize the ppm error. NOTE: External tun-
ing capacitors must be used for proper operations.
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
15p
C2
22p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com