Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS841S012DI Datasheet HTML 6Page - Integrated Device Technology ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology ICS841S012DI Datasheet HTML 10Page - Integrated Device Technology ICS841S012DI Datasheet HTML 11Page - Integrated Device Technology ICS841S012DI Datasheet HTML 12Page - Integrated Device Technology ICS841S012DI Datasheet HTML 13Page - Integrated Device Technology ICS841S012DI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
10
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter perfor-
mance, power supply isolation is required. The ICS841S012DI
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, VDDOB, and
V
DDOC should be individually connected to the power supply
plane through vias, and 0.01µF bypass capacitors should be used
for each pin.
Figure 1 illustrates this for a generic V
DD pin and
also shows that V
DDA requires that an additional10Ω resistor
along with a 10µF bypass capacitor be connected to the V
DDA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
INPUTS:
CRYSTAL INPUTS
For applications not requiring the use of the crystal oscillator
input, both XTAL_IN and XTAL_OUT can be left floating. Though
not required, but for additional protection, a 1k
Ω resistor can be
tied from XTAL_IN to ground.
REF_IN INPUT
For applications not requiring the use of the reference clock,
it can be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the REF_IN to ground.
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUTS
All unused LVCMOS output can be left floating. We recommend
that there is no trace attached.
DIFFERENTIAL OUTPUTs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com