Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology ICS841S012DI Datasheet HTML 10Page - Integrated Device Technology ICS841S012DI Datasheet HTML 11Page - Integrated Device Technology ICS841S012DI Datasheet HTML 12Page - Integrated Device Technology ICS841S012DI Datasheet HTML 13Page - Integrated Device Technology ICS841S012DI Datasheet HTML 14Page - Integrated Device Technology ICS841S012DI Datasheet HTML 15Page - Integrated Device Technology ICS841S012DI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
12
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
SPREAD SPECTRUM
Spread-spectrum clocking is a frequency modulation technique
for EMI reduction. When spread-spectrum is enabled, a 32kHz
triangle waveform is used with 0.6% down-spread (+0.0% / -
0.5%) from the nominal output frequency. An example of a tri-
angle frequency modulation profile is shown in
Figure 4A be-
low. The ramp profile can be expressed as:
• Fnom = Nominal Clock Frequency in Spread OFF mode
• Fm = Nominal Modulation Frequency (30kHz)
•
δ = Modulation Factor (0.6% down spread)
The ICS841S012DI triangle modulation frequency deviation
will not exceed 0.7% down-spread from the nominal clock fre-
quency (+0.0% / -0.5%). An example of the amount of down
spread relative to the nominal clock frequency can be seen in
the frequency domain, as shown in
Figure 4B. The ratio of this
width to the fundamental frequency is typically 0.4%, and will
not exceed 0.7%. The resulting spectral reduction will be greater
than 5dB, as shown in
Figure 4B. It is important to note the
ICS841S012DI 5dB minimum spectral reduction is the compo-
nent-specific EMI reduction, and will not necessarily be the
same as the system EMI reduction.
FIGURE 4B. 200MHZ CLOCK OUTPUT IN FREQUENCY DOMAIN
(A) SPREAD-SPECTRUM OFF (B) SPREAD-SPECTRUM ON
FIGURE 4A. TRIANGLE FREQUENCY MODULATION
(1 -
δ) fnom + 2 Fm x δ x Fnom x t when 0 < t <
,
(1 -
δ) fnom - 2 Fm x δ x Fnom x t when
< t <
1
2Fm
1
2Fm
1
Fm
➤
1/fm
0.5/fm
Fnom
(1 -
δ) Fnom
Time
B
A
Δ − 10 dBm
δ = .6% ➤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com