Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S012DI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS841S012DI
Description  Crystal-to-0.7V Differential HCSL/LVCMOS Frequency Synthesizer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S012DI Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS841S012DI Datasheet HTML 1Page - Integrated Device Technology ICS841S012DI Datasheet HTML 2Page - Integrated Device Technology ICS841S012DI Datasheet HTML 3Page - Integrated Device Technology ICS841S012DI Datasheet HTML 4Page - Integrated Device Technology ICS841S012DI Datasheet HTML 5Page - Integrated Device Technology ICS841S012DI Datasheet HTML 6Page - Integrated Device Technology ICS841S012DI Datasheet HTML 7Page - Integrated Device Technology ICS841S012DI Datasheet HTML 8Page - Integrated Device Technology ICS841S012DI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ICS841S012DKI REVISION A JULY 20, 2009
5
©2009 Integrated Device Technology, Inc.
ICS841S012DI Data Sheet
CRYSTAL-TO-0.7V DIFFERENTIAL HCSL/LVCMOS FREQUENCY SYNTHESIZER
TABLE 3D. SSC FUNCTION TABLE
t
u
p
n
I
e
d
o
M
1
C
S
S0
C
S
S
00
d
a
e
r
p
s
-
n
w
o
D
%
5
.
0
-
o
t
0
01
d
a
e
r
p
s
-
r
e
t
n
e
C
%
5
2
.
0
±
10
d
a
e
r
p
s
-
r
e
t
n
e
C
%
5
2
.
0
±
11
)
t
l
u
a
f
e
d
(
f
f
O
C
S
S
TABLE 3E. REF_SEL FUNCTION TABLE
t
u
p
n
I
L
E
S
_
F
E
R
e
c
n
e
r
e
f
e
R
t
u
p
n
I
0L
A
T
X
1N
I
_
F
E
R
TABLE 3G. QBC_OE FUNCTION TABLE
t
u
p
n
I
E
O
_
C
B
Q
n
o
i
t
c
n
u
F
0)
e
c
n
a
d
e
p
m
I
-
h
g
i
H
(
d
e
l
b
a
s
i
d
C
Q
d
n
a
]
6
:
0
[
B
Q
)
t
l
u
a
f
e
d
(
1d
e
l
b
a
n
e
C
Q
d
n
a
]
6
:
0
[
B
Q
TABLE 3F. QA_OE FUNCTION TABLE
t
u
p
n
I
E
O
_
A
Q
n
o
i
t
c
n
u
F
0)
e
c
n
a
d
e
p
m
I
-
h
g
i
H
(
d
e
l
b
a
s
i
d
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q
1)
t
l
u
a
f
e
d
(d
e
l
b
a
n
e
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q
TABLE 3H. REF_OE FUNCTION TABLE
t
u
p
n
I
E
O
_
F
E
R
n
o
i
t
c
n
u
F
)
t
l
u
a
f
e
d
(
0e
c
n
a
d
e
p
m
I
-
h
g
i
H
(
d
e
l
b
a
s
i
d
]
1
:
0
[
T
U
O
_
F
E
R
1d
e
l
b
a
n
e
]
1
:
0
[
T
U
O
_
F
E
R
TABLE 3I. nMR FUNCTION TABLE
t
u
p
n
I
R
M
n
n
o
i
t
c
n
u
F
0
d
e
l
b
a
s
i
d
r
e
d
i
v
i
d
t
u
p
t
u
o
,
t
e
s
e
r
e
c
i
v
e
D
)
e
c
n
a
d
e
p
m
I
-
h
g
i
H
(
)
t
l
u
a
f
e
d
(
1d
e
l
b
a
n
e
t
u
p
t
u
O
o
t
p
u
-
r
e
w
o
p
r
e
t
f
a
l
a
n
g
i
s
t
e
s
e
r
a
s
e
r
i
u
q
e
r
e
c
i
v
e
d
s
i
h
T
:
E
T
O
N
.
y
l
r
e
p
o
r
p
n
o
i
t
c
n
u
f
TABLE 3J. BYPASS FUNCTIONTABLE
t
u
p
n
I
S
S
A
P
Y
B
n
o
i
t
c
n
u
F
)
t
l
u
a
f
e
d
(
0L
L
P
1)
N
÷
e
c
n
e
r
e
f
e
r
(
s
s
a
p
y
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com