Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 2Page - Cirrus Logic CS5464 Datasheet HTML 3Page - Cirrus Logic CS5464 Datasheet HTML 4Page - Cirrus Logic CS5464 Datasheet HTML 5Page - Cirrus Logic CS5464 Datasheet HTML 6Page - Cirrus Logic CS5464 Datasheet HTML 7Page - Cirrus Logic CS5464 Datasheet HTML 8Page - Cirrus Logic CS5464 Datasheet HTML 9Page - Cirrus Logic CS5464 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
CS5464
6
DS682F3
2. PIN DESCRIPTION
Clock Generator
Crystal Out
Crystal In
1,28
XOUT, XIN — Connect to an external quartz crystal. Alternatively, an external clock can be sup-
plied to the XIN pin to provide the system clock for the device.
CPU Clock Output
2
CPUCLK - Logic-level output from crystal oscillator. Can be used to clock an external CPU.
Control Pins and Serial Data I/O
Serial Clock
5
SCLK — Clocks serial data from the SDI pin and to the SDO pin when CS is low. SCLK is a
Schmitt-trigger input when MODE is low and a driven output when MODE is high.
Serial Data Output
6
SDO — Serial data output. Data is clocked out by SCLK.
Chip Select
7
CS — An input that enables the serial interface when MODE is low and a driven output when
MODE is high.
Mode Select
8
MODE — High selects external E2PROM, Low selects external microcontroller. MODE includes a
weak internal pull-down and therefore selects microcontroller mode if not connected.
Energy Outputs
22, 25,
26
E3, E1, E2 — Primarily active-low energy pulse outputs. These can be programmed to output
other conditions.
Reset
23
RESET — An active-low Schmitt-trigger input used to reset the chip.
Interrupt
24
INT — Active-low output, indicates that an enabled condition has occurred.
Serial Data Input
27
SDI — Serial data input. Data is clocked in by SCLK.
Analog Inputs/Outputs
Differential Voltage Inputs
9,10
VIN+, VIN- — Differential analog inputs for the voltage channel.
Differential Current Inputs
20,19,
16,15
IIN1+, IIN1-, IIN2+, IIN2- — Differential analog inputs for the current channels.
Power Fail Monitor
21
PFMON — Used to monitor the unregulated power supply via a resistive divider. If the PFMON
voltage drops below its low limit, the low-supply detect (LSD) bit is set in the Status register.
Voltage Reference Output
11
VREFOUT — The on-chip voltage reference output. Nominally 2.5 V, referenced to AGND.
Voltage Reference Input
12
VREFIN — The voltage reference input. Can be connected to VREFOUT or external 2.5 V refer-
ence.
Power Connections
Positive Digital Supply
3
VD+ — The positive digital supply.
Digital Ground
4
DGND — Digital ground.
Positive Analog Supply
18
VA+ — The positive analog supply.
Analog Ground
17
AGND — Analog ground.
Other Pins
Test1, Test2
13,14
NC — Factory use only. Connect to AGND.
VREFIN
12
Voltage Reference Input
VREFOUT
11
Voltage Reference Output
VIN-
10
Differential Voltage Input
VIN+
9
Differential Voltage Input
MODE
8
Mode Select
CS
7
Chip Select
SDO
6
Serial Data Ouput
SCLK
5
Serial Clock
DGND
4
Digital Ground
VD+
3
Positive Digital Supply
CPUCLK
2
CPU Clock Output
XOUT
1
Crystal Out
AGND
17
Analog Ground
VA+
18
Positive Analog Supply
IIN1-
19
Differential Current Input
IIN1+
20
Differential Current Input
PFMON
21
Power Fail Monitor
E3
22
Energy Output 3
RESET
23
Reset
INT
24
Interrupt
E1
25
Energy Output 1
26
SDI
27
Serial Data Input
XIN
28
Crystal In
E2
Energy Output 2
TEST2
14
Factory Test
TEST1
13
Factory Test
IIN2-
15
Differential Current Input
IIN2+
16
Differential Current Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com