Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 22Page - Cirrus Logic CS5464 Datasheet HTML 23Page - Cirrus Logic CS5464 Datasheet HTML 24Page - Cirrus Logic CS5464 Datasheet HTML 25Page - Cirrus Logic CS5464 Datasheet HTML 26Page - Cirrus Logic CS5464 Datasheet HTML 27Page - Cirrus Logic CS5464 Datasheet HTML 28Page - Cirrus Logic CS5464 Datasheet HTML 29Page - Cirrus Logic CS5464 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
CS5464
26
DS682F3
7.6.5 Register Read and Write
Read and Write commands provide access to on-chip registers. After a Read command, the addressed data
can be clocked out the SDO pin by SCLK. After a Write command, 24 bits of write data must follow. The data
is transferred to the addressed register after the 24th data bit is received. Registers are organized into pages
of 32 addresses each. To access a desired page, write its number to the Page register at address 31.
W/R
Write/Read control
0 = Read
1 = Write
RA[4:0]
Register address.
Page 0 Registers
Address
RA[4:0]
Name
Description
0
00000
Config
Configuration
1
00001
I1
Instantaneous Current Channel 1
2
00010
V1
Instantaneous Voltage Channel 1
3
00011
P1
Instantaneous Power Channel 1
4
00100
P1AVG
Active Power Channel 1
5
00101
I1RMS
RMS Current Channel 1
6
00110
V1RMS
RMS Voltage Channel 1
7
00111
I2
Instantaneous Current Channel 2
8
01000
V2
Instantaneous Voltage Channel 2
9
01001
P2
Instantaneous Power Channel 2
10
01010
P2AVG
Active Power Channel 2
11
01011
I2RMS
RMS Current Channel 2
12
01100
V2RMS
RMS Voltage Channel 2
13
01101
Q1AVG
Reactive Power Channel 1
14
01110
Q1
Instantaneous Quadrature Power Channel 1
15
01111
Status
Internal Status
16
10000
Q2AVG
Reactive Power Channel 2
17
10001
Q2
Instantaneous Quadrature Power Channel 2
18
10010
I1PEAK
Peak Current Channel 1
19
10011
V1PEAK
Peak Voltage Channel 1
20
10100
S1
Apparent Power Channel 1
21
10101
PF1
Power Factor Channel 1
22
10110
I2PEAK
Peak Current Channel 2
23
10111
V2PEAK
Peak Voltage Channel 2
24
11000
S2
Apparent Power Channel 2
25
11001
PF2
Power Factor Channel 2
26
11010
Mask
Interrupt Mask
27
11011
T
Temperature
28
11100
Ctrl
Control
29
11101
EPULSE
Active Energy Pulse Output
30
11110
SPULSE
Apparent Energy Pulse Output
31 R
11111
QPULSE
Reactive Energy Pulse Output
31 W
11111
Page
Register Page Select
Warning: Do not write to unpublished register locations.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com