Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 12Page - Cirrus Logic CS5464 Datasheet HTML 13Page - Cirrus Logic CS5464 Datasheet HTML 14Page - Cirrus Logic CS5464 Datasheet HTML 15Page - Cirrus Logic CS5464 Datasheet HTML 16Page - Cirrus Logic CS5464 Datasheet HTML 17Page - Cirrus Logic CS5464 Datasheet HTML 18Page - Cirrus Logic CS5464 Datasheet HTML 19Page - Cirrus Logic CS5464 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
CS5464
16
DS682F3
4.8 Power and Energy Results
The instantaneous voltage and current samples are
multiplied to obtain the instantaneous power (P1, P2)
(see Figure 3 and 4). The product is then averaged over
N
conversions to compute active power (P1AVG,
P2AVG).
Apparent power (S1, S2) is the product of RMS voltage
and current as shown:
Power factor (PF1, PF2) is active power divided by ap-
parent power as shown below. The sign of the power
factor is determined by the active power.
Wideband reactive power (Q1WB, Q2WB) is calculated
by doing a vector subtraction of active power from ap-
parent power.
Quadrature power (Q1, Q2) are sample rate results ob-
tained by multiplying instantaneous current (I1, I2) by in-
stantaneous quadrature voltage (V1Q, V2Q) which are
created by phase shifting instantaneous voltage (V1,
V2
) 90 degrees using first-order integrators. (see Figure
3 and 4). The gain of these integrators is inversely relat-
ed to line frequency, so their gain is corrected by the Ep-
silon
register, which is based on line frequency.
Reactive power (Q1AVG, Q2AVG) is generated by inte-
grating the instantaneous quadrature power over N
samples.
4.9 Peak Voltage and Current
Peak current (I1PEAK, I2PEAK) and peak voltage
(V1PEAK, V2PEAK) are the largest current and voltage
samples detected in the previous low-rate interval.
4.10 Power Offset
The power offset registers, P1OFF (P2OFF) can be used
to offset erroneous power sources resident in the sys-
tem not originating from the power line. Residual power
offsets are usually caused by crosstalk into current
paths from voltage paths or from ripple on the meter or
chip’s power supply, or from inductance from a nearby
transformer.
These offsets can be either positive or negative, indicat-
ing crosstalk coupling either in phase or out of phase
with the applied voltage input. The power offset regis-
ters can compensate for either condition.
To use this feature, measure the average power at no
load using either Single or Continuous Conversion com-
mands. Take the measured result (from the P1AVG
(P2AVG) register), invert (negate) the value and write it
to the associated power offset register, P1OFF (P2OFF).
V1ACOFF
(V2ACOFF)
I1ACOFF
(I2ACOFF)
P1OFF (P2OFF)
Figure 5. Low-rate Calculations
SV
RMS
I
RMS
=
PF
P
ACTIVE
S
----------------------
=
Q
WB
S2
P
ACTIVE
2
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com