Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 30Page - Cirrus Logic CS5464 Datasheet HTML 31Page - Cirrus Logic CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
CS5464
34
DS682F3
8.3.5 Mode Control (Modes) – Address: 16
Default = 0
Ichan
Chooses an energy channel to drive the EPULSE, SPULSE, and QPULSE registers.
0 = Pulse registers driven by energy channel 1.
1 = Pulse registers driven by energy channel 2.
VFIX
Use internal RMS voltage reference instead of voltage input for average active power.
0 = Use voltage input.
1 = Use Internal RMS voltage reference, VFRMS.
IvsE
Use IRMS results instead of PAVG for energy channel selection
0 = Use P1AVG and P2AVG instead of I1RMS and I2RMS.
1 = Use I1RMS and I2RMS instead of P1AVG and P2AVG.
E1MODE[1:0]
E1, E2, and E3 alternate Output Mode (when enabled by E2MODE)
00 = E1, E2 = P1AVG, P2AVG
01 = E1, E2 = S1, S2
10 = E1, E2 = Q1AVG, Q2AVG
11 = E1, E2 = Q1WB, Q2WB
Ihold
Suspends automatic channel selection.
0 = Channel selected automatically by magnitude compare.
1 = Channel selected by application (host).
E2MODE[1:0]
E2 Output Mode
00 = Energy Sign
01 = Apparent Energy
10 = Channel In Use
11 = Enable E1MODE
VHPF2:IHPF2
High-pass Filter Enable for Energy Channel 2
00 = No Filter
01 = HPF on Current, PMF on Voltage
10 = HPF on Voltage, PMF on Current
11 = HPF on both Voltage and Current
VHPF1:IHPF1
High-pass Filter Enable for Energy Channel1
00 = No Filter
01 = HPF on Current, PMF on Voltage
10 = HPF on Voltage, PMF on Current
11 = HPF on both Voltage and Current
E3MODE[1:0]
E3 Output Mode (with E1MODE disabled)
00 = Reactive Energy (default)
01 = Power Fail Monitor
10 = Voltage Sign
11 = Apparent Energy
23
22
21
20
19
18
17
16
Ichan
VFIX
--
--
--
15
14
13
12
11
10
9
8
IvsE
E1MODE1
E1MODE0
Ihold
-
E2MODE1
E2MODE0
VHPF2
7
654
32
10
IHPF2
VHPF1
IHPF1
-
E3MODE1
E3MODE0
POS
AFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com