Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 28Page - Cirrus Logic CS5464 Datasheet HTML 29Page - Cirrus Logic CS5464 Datasheet HTML 30Page - Cirrus Logic CS5464 Datasheet HTML 31Page - Cirrus Logic CS5464 Datasheet HTML 32Page - Cirrus Logic CS5464 Datasheet HTML 33Page - Cirrus Logic CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
CS5464
32
DS682F3
8.2.13 Control (Ctrl) – Address: 28
Default = 0
PC[7:0]
Phase compensation for channel 2. Sets a delay in voltage relative to current. Phase is signed
and in the range of -1.0
 value  1.0 sample (OWR) intervals.
I1gain (I2gain) Sets the gain of the current1 (current2) input.
0 = Gain is set for ±250mV range.
1 = Gain is set for ±50mV range.
STOP
Terminates E2PROM command sequence (if used).
0 = No Action
1 = Stop E2PROM Commands.
INTOD
Converts INT output pin to an open drain output.
0 = Normal Output
1 = Open-drain Output
NOCPU
Saves power by disabling the CPUCLK output pin.
0 = CPUCLK Enabled
1 = CPUCLK Disabled
NOOSC
Disables the crystal oscillator, making XIN a logic-level input.
0 = Crystal Oscillator Enabled
1 = Crystal Oscillator Disabled
23
22
21
20
19
18
17
16
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
15
14
13
12
11
10
9
8
--
-
I2gain
--
-
STOP
7
654
32
10
-
-
I1gain
INTOD
-
NOCPU
NOOSC
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com