Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 23Page - Cirrus Logic CS5464 Datasheet HTML 24Page - Cirrus Logic CS5464 Datasheet HTML 25Page - Cirrus Logic CS5464 Datasheet HTML 26Page - Cirrus Logic CS5464 Datasheet HTML 27Page - Cirrus Logic CS5464 Datasheet HTML 28Page - Cirrus Logic CS5464 Datasheet HTML 29Page - Cirrus Logic CS5464 Datasheet HTML 30Page - Cirrus Logic CS5464 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
CS5464
DS682F3
27
Page1 Registers
Address
RA[4:0]
Name
Description
0
00000
I1OFF
Current DC Offset Channel 1
1
00001
I1GAIN
Current Gain Channel 1
2
00010
V1OFF
Voltage DC Offset Channel 1
3
00011
V1GAIN
Voltage Gain Channel 1
4
00100
P1OFF
Power Offset Channel 1
5
00101
I1ACOFF
Current AC (RMS) Offset Channel 1
6
00110
V1ACOFF
Voltage AC (RMS) Offset Channel 1
7
00111
I2OFF
Current DC Offset Channel 2
8
01000
I2GAIN
Current Gain Channel 2
9
01001
V2OFF
Voltage DC Offset Channel 2
10
01010
V2GAIN
Voltage Gain Channel 2
11
01011
P2OFF
Power Offset Channel 2
12
01100
I2ACOFF
Current AC (RMS) Offset Channel 2
13
01101
V2ACOFF
Voltage AC (RMS) Offset Channel 2
14
01110
PulseWidth
Pulse Output Width
15
01111
PulseRate
Pulse Output Rate (frequency)
16
10000
Modes
Mode Control
17
10001
Epsilon
Ratio of Line to Sample Frequency
18
10010
IchanLEVEL
Irms or E Channel Select Trip Level
19
10011
N
Cycle Count (Number of OWR Samples in One Low-rate Interval)
20
10100
Q1WB
Wideband Reactive Power from Power Triangle Channel 1
21
10101
Q2WB
Wideband Reactive Power from Power Triangle Channel 2
22
10110
TGAIN
Temperature Sensor Gain
23
10111
TOFF
Temperature Sensor Offset
24
11000
EMIN (IrmsMIN) Energy Channel Selector Minimum Operating Level
25
11001
TSETTLE
Filter Settling Time for Conversion Startup
26
11010
LoadMIN
No Load Threshold
27
11011
VFRMS
Voltage RMS Fixed Reference
28
11100
G
System Gain
29
11101
Time
System Time (in samples)
31 W
11111
Page
Register Page Select
Page2 Registers
Address
RA[4:0]
Name
Description
0
00000
V1SagDUR
V Sag Duration Channel 1
1
00001
V1SagLEVEL
V Sag Level Channel 1
4
00100
I1FaultDUR
I Fault Duration Channel 1
5
00101
I1FaultLEVEL
I Fault Level Channel 1
8
01000
V2SagDUR
V Sag Duration Channel 2
9
01001
V2SagLEVEL
V Sag Level Channel 2
12
01100
I2FaultDUR
I Fault Duration Channel 2
13
01101
I2FaultLEVEL
I Fault Level Channel 2
31 W
11111
Page
Register Page Select
Warning: Do not write to unpublished register locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com