Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 34Page - Cirrus Logic CS5464 Datasheet HTML 35Page - Cirrus Logic CS5464 Datasheet HTML 36Page - Cirrus Logic CS5464 Datasheet HTML 37Page - Cirrus Logic CS5464 Datasheet HTML 38Page - Cirrus Logic CS5464 Datasheet HTML 39Page - Cirrus Logic CS5464 Datasheet HTML 40Page - Cirrus Logic CS5464 Datasheet HTML 41Page - Cirrus Logic CS5464 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
CS5464
38
DS682F3
8.3.18 System Gain (G) – Address: 28
Default = 1.25
System Gain (G) is applied to all channels. By default, G = 1.25, but can be finely adjusted to compensate for
voltage reference error. It is a two's complement value in the range of -2.0
 value  2.0, with the binary point to
the right of the second MSB. Values should be kept within 5% of 1.25.
8.3.19 System Time (Time) – Address: 29
Default = 0
System Time (Time) is measured in output word rate (OWR) samples. This is an unsigned integer in the range
of 0 to 16,777,215 samples. At 4.0 kHz, OWR it will overflow every 1 hour, 9 minutes, and 54 seconds. Time
can be used by the application to manage real-time events.
8.4 Page 2 Registers
8.4.1 Voltage Sag and Current Fault Duration (V1SagDUR , V2SagDUR , I1FaultDUR , I2FaultDUR )
Address: 0 (V1SagDUR), 8 (V2SagDUR), 4 (I1FaultDUR), 12 (I2FaultDUR)
Default = 0
Voltage sag duration, V1SagDUR (V2SagDUR) and current fault duration, I1FaultDUR (I2FaultDUR) determine the
count of output word rate (OWR) samples utilized to determine a sag or fault event. These are integers in the
range of 0 to 8,388,607 samples. A value of zero disables the feature.
8.4.2 Voltage Sag and Current Fault Level (V1SagLEVEL , V2SagLEVEL , I1FaultLEVEL , I2FaultLEVEL )
Address: 1 (V1SagLEVEL), 9 (V2SagLEVEL), 5 (I1FaultLEVEL), 13 (I2FaultLEVEL)
Default = 0
Voltage sag level, V1SagLEVEL (V2SagLEVEL) and current fault level, I1FaultLEVEL (I2FaultLEVEL) establish an
input level below which a sag or fault is triggered These are two's complement values in the range of
-1.0
 value  1.0, with the binary point to the right of the MSB. Negative values are not used.
MSB
LSB
-(21)20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com