Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5464 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5464
Description  Three-channel, Single-phase Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5464 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5464 Datasheet HTML 20Page - Cirrus Logic CS5464 Datasheet HTML 21Page - Cirrus Logic CS5464 Datasheet HTML 22Page - Cirrus Logic CS5464 Datasheet HTML 23Page - Cirrus Logic CS5464 Datasheet HTML 24Page - Cirrus Logic CS5464 Datasheet HTML 25Page - Cirrus Logic CS5464 Datasheet HTML 26Page - Cirrus Logic CS5464 Datasheet HTML 27Page - Cirrus Logic CS5464 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
CS5464
24
DS682F3
7.6 Commands
All commands are 1 byte (8 bits) long. Many command values are unused and should NOT be written by the
application program. All commands except register reads, register writes, or synchronizing commands will
abort any conversion, calibration, or any initialization sequence currently executing. This includes reset. No
commands other than reads or synchronizing should be executed until the reset sequence completes.
7.6.1 Conversion
Executes a conversion (measurement) program.
CC
Continuous/Single Conversion
0 = Perform a Single Conversion (0xE0)
1 = Perform Continuous Conversion (0xE8)
7.6.2 Synchronization (SYNC0 and SYNC1)
The serial interface is bidirectional. While reading data on the SDO output, the SDI input must be receiving
commands. If no command is needed during a read, SYNC0 or SYNC1 commands can be sent while read
data is received on SDO.
The serial port is normally initialized by de-asserting CS. An alternative method of initialization is to send 3 or
more SYNC1 commands followed by a SYNC0. This is useful in systems where CS is not used and tied low.
7.6.3 Power Control (Stand-by, Sleep, Wake-up/Halt and Software Reset)
The CS5464 has two power-down states, stand-by and sleep. In stand-by, all circuitry except the voltage ref-
erence and clocks are turned off. In sleep, all circuitry except the command decoder is turned off. A
Wake-up/Halt command restores full-power operation after stand-by and issues a hardware reset after sleep.
The Software Reset command is a program that emulates a pin reset and is not a power control function.
S[1:0]
00 = Software Reset
01 = Sleep
10 = Wake-up/Halt
11 = Stand-by
B7
B6
B5
B4
B3
B2
B1
B0
1110
CC
000
B7
B6
B5
B4
B3
B2
B1
B0
1111111
SYNC
B7
B6
B5
B4
B3
B2
B1
B0
10
S1
S0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com