Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 3Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 4Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 5Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 6Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 7Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 8Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 9Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 10Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
STTS2002
Serial communications
Doc ID 15389 Rev 5
7/52
2
Serial communications
The STTS2002 has a simple 2-wire SMBus/I2C-compatible digital serial interface which
allows the user to access both the 2 Kb serial EEPROM and the data in the temperature
register at any time. It communicates via the serial interface with a master controller which
operates at speeds of up to 400 kHz. It also gives the user easy access to all of the
STTS2002 registers in order to customize device operation.
2.1
Device type identifier (DTI) code
The JEDEC temperature sensor and EEPROM each have their own unique I2C address,
which ensures that there are no compatibility or data translation issues. This is due to the
fact that each of the devices have their own 4-bit DTI code, while the remaining three bits
are configurable. This enables the EEPROM and thermal sensors to provide their own
individual data via their unique addresses and still not interfere with each other’s operation
in any way. The DTI codes are:
●
'0011' for the TS, and
●
'1010' for addressing the EEPROM memory array, and
●
‘0110’ to access the software write protection settings of the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com