Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 6Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 7Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 8Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 9Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 10Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 11Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 12Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 13Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Serial communications
STTS2002
10/52
Doc ID 15389 Rev 5
2.2
Pin descriptions
2.2.1
A0, A1, A2
A2, A1, and A0 are selectable address pins for the 3 LSBs of the I2C interface address.
They can be set to VDD or GND to provide 8 unique address selections. These pins are
internally connected to the E2, E1, E0 (chip selects) of EEPROM.
2.2.2
VSS (ground)
This is the reference for the power supply. It must be connected to system ground.
2.2.3
SDA (open drain)
This is the serial data input/output pin.
2.2.4
SCL
This is the serial clock input pin.
2.2.5
EVENT (open drain)
This output pin is open drain and active-low.
2.2.6
VDD (power)
This is the supply voltage pin, and ranges from 2.3 V to 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com