Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 42 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 38Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 39Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 40Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 41Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 42Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 43Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 44Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 45Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
DC and AC parameters
STTS2002
42/52
Doc ID 15389 Rev 5
B-grade
Accuracy for corresponding
range
2.3 V
≤ VDD ≤ 3.6 V
+75 °C < TA < +95
±0.5
±1.0
°C
+40 °C < TA <+ 125
±1.0
±2.0
°C
–40 °C < TA < +125
±2.0
±3.0
°C
Resolution
0.5
0.25
0.0625
°C/LSB
910
12
bits
tCONV
Conversion time
10-bit - default
125
ms
SMBus/I2C interface
VIH
Input logic high
SCL, SDA, A0-A2
0.7VDD
VDD + 1
V
VIL
Input logic low
SCL, SDA, A0-A2
–0.5
0.3VDD
V
CIN
(4)
SMBus/I2C input capacitance
5
pF
fSCL
SMBus/I2C clock frequency
10
400
kHz
ttimeout
SMBus timeout
Temperature sensor only
25
35
ms
VHV
A0 high voltage
VHV ≥ VDD + 4.8 V
7
10
V
VOL1
Low level voltage, EVENT
IOL = 2.1 mA
0.4
V
VOL2
Low level voltage, SDA
IOL = 2.1 mA
0.4
V
IOL = 6 mA
0.6
V
ZAIL
(4)
(A0, A1, A2) input impedance
VIN < 0.3 VDD
30
k
Ω
ZAIH
(4)
(A0, A1, A2) input Impedance
VIN > 0.7 VDD
800
k
Ω
tSP
(4)
Spike suppression
Pulse width of spikes that must
be suppressed by the input filter
Input filter on SCL and SDA
50
ns
VHYST
(5)
Input hysteresis (SCL, SDA)
TS only
0.05VDD
V
1.
Guaranteed operating temperature for combined module: TA = –40 °C to 125 °C; VDD = 2.3 V to 3.6 V (except where
noted).
2.
Typical numbers taken at VDD = 3.3 V, TA = 25 °C.
3.
Read current only
4.
Verified by design and characterization, not necessarily tested on all devices
5.
VHYST parameter is optional in the JEDEC TSE2002a2 specifications
Table 30.
DC/AC characteristics - temperature sensor component with EEPROM (continued)
Sym
Description
Test condition(1)
Min
Typ(2)
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com