Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 18 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 14Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 15Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 16Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 17Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 18Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 19Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 20Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 21Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Temperature sensor registers
STTS2002
18/52
Doc ID 15389 Rev 5
Table 7.
Capability register bit definitions
Bit
Definition
0
Basic capability
– 0 = Alarm and critical trips turned OFF.
– 1 = Alarm and critical trips turned ON.
1
Accuracy
– 0 = Accuracy ±2 °C over the active range and ±3 °C over the monitoring range
(C-grade).
– 1 = High accuracy ±1 °C over the active range and ±2 °C over the monitoring range
(B-grade) (default).
2
Range width
– 0 = Values lower than 0 °C will be clamped and represented as binary value '0'.
– 1 = Temperatures below 0 °C can be read and the Sign bit will be set accordingly.
4:3
Temperature resolution
– 00 = 9 bit, 0.5 °C/LSB
– 01 = 10 bit, 0.25 °C/LSB - default resolution
– 10 = 11 bit, 0.125 °C/LSB
– 11 = 12 bit, 0.0625 °C/LSB
5
(VHV) high voltage support for A0 (pin 1)
–1 =
STTS2002 supports a voltage up to 10 volts on the A0 pin - (default)
6
TMOUT - bus timeout support (for temperature sensor only)
–0 = ttimeout is supported in the range of 10 to 60 ms
–1 = Default for STTS2002-SMBus compatible 25 ms - 35 ms
Note: Timeout is not required for EEPROM component
7
EVSD - EVENT behavior upon shutdown
– 0 = Default for STTS2002. The EVENT output freezes in its current state when
entering shutdown. Upon entering shutdown, the EVENT output remains in the
previous state until the next thermal data conversion or possibly sooner if EVENT is
programmed for comparator mode.
– 1 = EVENT output is deasserted (not driven) when entering shutdown and remains
deasserted upon exit from shutdown until the next thermal sample is taken or possibly
sooner if EVENT is programmed for comparator mode.
15:8
Reserved
These values must be set to '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com