Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 1 Page - STMicroelectronics

  STTS2002B2DN3F Datasheet HTML 1Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 2Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 3Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 4Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 5Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 6Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 7Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 8Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
March 2011
Doc ID 15389 Rev 5
1/52
1
STTS2002
2.3 V memory module temperature sensor
with a 2 Kb SPD EEPROM
Features
■ 2.3 V memory module temperature sensor with
integrated 2 Kb SPD EEPROM
■ Forward compatible with JEDEC TSE 2002a2
and backward compatible with STTS424E02
■ Operating temperature range:
– –40 °C to +125 °C
■ Single supply voltage: 2.3 V to 3.6 V
■ 2 mm x 3 mm TDFN8, height: 0.80 mm (max)
– JEDEC MO-229, WCED-3 compliant
■ RoHS compliant, halogen-free
Temperature sensor
■ Temperature sensor resolution:
programmable (9-12 bits)
0.25 °C (typ)/LSB - (10-bit) default
■ Temperature sensor accuracy (max):
– ± 1 °C from +75 °C to +95 °C
– ± 2 °C from +40 °C to +125 °C
– ± 3 °C from –40 °C to +125 °C
■ ADC conversion time: 125 ms (max) at default
resolution (10-bit)
■ Typical operating supply current: 160 µA
(EEPROM standby)
■ Temperature hysteresis selectable set points
from: 0, 1.5, 3, 6.0 °C
■ Supports SMBus timeout 25 ms - 35 ms
2 Kb SPD EEPROM
■ Functionality identical to ST’s M34E02 SPD
EEPROM
■ Permanent and reversible software data
protection for the lower 128 bytes
■ Byte and page write (up to 16 bytes)
■ Self-time WRITE cycle (5 ms, max)
■ Automatic address incrementing
Two-wire bus
■ Two-wire SMBus/I2C - compatible serial
interface
■ Supports up to 400 kHz transfer rate
■ Does not initiate clock stretching
TDFN8
2 mm x 3 mm
(max height 0.80 mm)
www.st.com


Similar Part No. - STTS2002B2DN3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS2002B2DN3F STMICROELECTRONICS-STTS2002B2DN3F Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
More results

Similar Description - STTS2002B2DN3F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
Memory Module Temperature Sensor w/ EEPROM for SPD
2006
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
Memory module temperature sensor with a 2 Kb SPD EEPROM
12-Jun-2008
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
logo
Microchip Technology
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
logo
ON Semiconductor
N34C04 ONSEMI-N34C04_18 Datasheet
198Kb / 13P
EEPROM Serial 4-Kb SPD
May, 2018 ??Rev. 2
NV34C02WF ONSEMI-NV34C02WF Datasheet
144Kb / 11P
EEPROM SPD 2-kb I2C
May, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com