Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 12Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 13Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 14Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 15Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 16Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 17Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 18Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 19Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Temperature sensor registers
STTS2002
16/52
Doc ID 15389 Rev 5
4
Temperature sensor registers
The temperature sensor component is comprised of various user-programmable registers.
These registers are required to write their corresponding addresses to the pointer register.
They can be accessed by writing to their respective addresses (see Table 3). Pointer
register bits 7 - 4 must always be written to '0' (see Table 4). This must be maintained, as not
setting these bits to '0' may keep the device from performing to specifications.
The main registers include:
●
Capability register (read-only)
●
Configuration register (read/write)
●
Temperature register (read-only)
●
Temperature trip point registers (read/write), including
–
Alarm temperature upper boundary,
–
Alarm temperature lower boundary, and
–
Critical temperature.
●
Manufacturer ID register (read-only)
●
Device ID and device revision ID register (read-only)
●
Temperature resolution register (TRES) (read/write)
See Table 5 on page 17 for pointer register selection bit details.
Note:
Registers beyond the specified (00-08) are reserved for STMicroelectronics internal use
only, for device test modes in product manufacturing. The registers must NOT be accessed
by the user (customer) in the system application or the device may not perform according to
specifications.
Table 3.
Temperature sensor registers summary
Address (hex)
Register name
Power-on default
Not applicable
Address pointer
Undefined
00
Capability
B-grade
0x006F
01
Configuration
0x0000
02
Alarm temperature upper boundary trip
0x0000
03
Alarm temperature lower boundary trip
0x0000
04
Critical temperature trip
0x0000
05
Temperature
Undefined
06
Manufacturer’s ID
0x104A
07
Device ID/revision
0x0300
08
Temperature resolution register
0x0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com