Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 13Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 14Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 15Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 16Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 17Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 18Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 19Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 20Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
STTS2002
Temperature sensor registers
Doc ID 15389 Rev 5
17/52
4.1
Capability register (read-only)
This 16-bit register is read-only, and provides the TS capabilities which comply with the
minimum JEDEC TSE2002a2 specifications (see Table 6 and Table 7 on page 18). The
STTS2002 resolution is programmable via writing to pointer 08 register. The power-on
default value is 0.25 °C/LSB (10-bit).
Table 4.
Pointer register format
MSB
LSB
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0
0
0
0
P3P2P1
P0
Pointer/register select bits
Table 5.
Pointer register select bits (type, width, and default values)
P3
P2
P1
P0
Name
Register description
Width
(bits)
Type
(R/W)
Default state
(POR)
0000
CAPA
Thermal sensor capabilities
B-grade only
16
R
00 6F
0001
CONF
Configuration
16
R/W
00 00
0010
UPPER
Alarm temperature upper boundary
16
R/W
00 00
0011
LOWER
Alarm temperature lower boundary
16
R/W
00 00
0100
CRITICAL Critical temperature
16
R/W
00 00
0101
TEMP
Temperature
16
R
00 00
0110
MANU
Manufacturer ID
16
R
10 4A
0111
ID
Device ID/revision
16
R
03 00
1000
TRES
Temperature resolution register
8
R/W
01
Table 6.
Capability register format
Bit15
Bit14
Bit13
Bit12
Bit11
Bit10
Bit9
Bit8
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
EVSD
TMOUT
VHV
TRES1
TRES0
Wider
range
Higher
precision
Alarm and
critical trips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com