Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS2002B2DN3F Datasheet(PDF) 24 Page - STMicroelectronics

Part # STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 20Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 21Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 22Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 23Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 24Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 25Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 26Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 27Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Temperature sensor registers
STTS2002
24/52
Doc ID 15389 Rev 5
4.3
Temperature register (read-only)
This 16-bit, read-only register stores the temperature measured by the internal band gap TS
as shown inTable 12. When reading this register, the MSBs (bit 15 to bit 8) are read first, and
then the LSBs (bit 7 to bit 0) are read. The result is the current-sensed temperature. The
data format is 2s complement with one LSB = 0.25 °C for the default resolution. The MSB
has a 128 °C resolution.
The trip status bits represent the internal temperature trip detection, and are not affected by
the status of the event or configuration bits (e.g. event output control or clear event). If
neither of the above or below values are set (i.e. both are 0), then the temperature is exactly
within the user-defined alarm window boundaries.
4.3.1
Temperature format
The 16-bit value used in the trip point set and temperature read-back registers is 2s
complement, with the LSB equal to 0.0625 °C (see Table 12). For example:
1.
a value of 019C h represents 25.75 °C,
2.
a value of 07C0 h represents 124 °C, and
3.
a value of 1E74 h represents –24.75 °C
All unused resolution bits are set to zero. The MSB will have a resolution of 128 °C. The
STTS2002 supports programmable resolutions (9-12 bits) which is 0.5 to 0.0625 °C/LSB.
The default is 0.25 °C/LSB (10 bits) programmable.
The upper 3 bits indicate trip status based on the current temperature, and are not affected
by the event output status.
Table 12.
Temperature register format
Sign
MSB
LSB(1)
Bit
15
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1(2)
Bit
0(3)
Flag bit
Flag bit
Flag bit
Sign
128 64
32
16
8
4
2
1
0.5
0.25
0.125 0.0625 °C/LSB
Above
critical
input(4)
Above
alarm
window(4)
Below
alarm
window(4)
Temperature (default - 10 bit)
0
0
Flag bits
Example hex value of 07C0 corresponds to 124 °C (10-bit)
0
0
0
0
0
1
1111
000
0
0
0
07C0 h
Flag bits
Example hex value of 1D80 corresponds to –40 °C (10-bit)
0
0
0
1
1
1
0110
000
0
0
0
1D80 h
1.
Bit 2 is LSB for default 10-bit mode.
2.
Depending on status of the resolution register, bit 1 may display 0.125 °C value.
3.
Depending on status of the resolution register, bit 0 may display 0.0625 °C value.
4.
See Table 14 for explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com