Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 19 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 19 Page - Tiger Electronic Co.,Ltd

Back Button PCF8563 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 17Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 18Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 19Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 20Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 21Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 22Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 23Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
PCF8563
19/23
The device that acknowledges must pull down the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during the HIGH period of the acknowledge
related clock pulse (set-up and hold times must be taken into consideration).
A master receiver must signal an end of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out of the slave. In this event the
transmitter must leave the data line HIGH to enable the master to generate a STOP
condition.
Acknowledge on the I 2 C-bus
I
2 C-bus protocol
Addressing: Before any data is transmitted on the I2C-bus, the device which should
respond is addressed first. The addressing is always carried out with the first byte
transmitted after the start procedure.
The
PCF8563 acts as a slave receiver or slave transmitter. Therefore the clock signal SCL is
only an input signal, but the data signal SDA is a bidirectional line.
The
PCF8563 slave address is shown in Figure below.
Slave address
Clock/calendar read/write cycles: The I
2 C-bus configuration for the different PCF8563 read
and write cycles are shown in Figure 11, 12 and 13. The word address is a four bit value
that defines which register is to be accessed next. The upper four bits of the word address
are not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com