Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  PCF8563 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
Real-time Clock/Calendar
PCF8563
DESCRIPTION
The
PCF8563 is a CMOS real-time clock/calendar
optimized for low power consumption. A
programmable clock output, interrupt output and
voltage-low detector are also provided. All address
and data are transferred serially via a two-line
bidirectional I 2 C-bus. Maximum bus speed is 400
kbits/s. The built-in word address register is
incremented automatically after each written or read
data byte.
FEATURES
DIP8
SOP8
TSSOP8
Provides year, month, day, weekday, hours, minutes and seconds based on32.768 kHz
quartz crystal
Century flag
Wide operating supply voltage range: 1.0 to 5.0 V
Low back-up current; typical 0.25 µA at V DD = 3.0 V and Tamb = 25 °C
400 kHz two-wire I 2 C-bus interface (at V DD = 1.8 to 5.0 V)
Programmable clock output for peripheral devices: 32.768 kHz, 1024 Hz, 32 Hz
and
1 Hz
Alarm and timer functions
Voltage-low detector
Integrated oscillator capacitor
Internal power-on reset
I 2 C-bus slave address: read A3H; write A2H
Open drain interrupt pin.
TIGER ELECTRONIC CO.,LTD


Similar Part No. - PCF8563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
Real-time clock/calendar
Rev. 06-21 February 2008
PCF8563 NXP-PCF8563 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563 NXP-PCF8563 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCF8563 NXP-PCF8563 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
More results

Similar Description - PCF8563

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
Real Time Clock/Calendar
logo
NXP Semiconductors
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
Real time clock/calendar
Rev. 02-16 June 2009
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
Real-time clock/calendar
Rev. 06-21 February 2008
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com