Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 16 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 16 Page - Tiger Electronic Co.,Ltd

Back Button PCF8563 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 14Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 15Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 16Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 17Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 18Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 19Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 20Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
PCF8563
16/23
Table 24 Timer countdown value register bits description(address 0FH)
EX T_CLK test mode
A test mode is available which allows for on-board testing. In this mode it is possible to set
up test conditions and control the operation of the RTC.
The test mode is entered by setting bit TEST1 in the Control/Status1 register. The CLKOUT
pin then becomes an input. The test mode replaces the internal 64 Hz signal with the signal
that is applied to the CLKOUT pin. Every 64 positive edges applied to CLKOUT will then
generate an increment of one second.
The signal applied to the CLKOUT pin should have a minimum pulse width of 300 ns and a
minimum period of 1000 ns. The internal 64 Hz clock, now sourced from CLKOUT, is
divided down to 1 Hz by a 2 6 divide chain called a pre-scaler. The pre-scaler can be set
into a known state by using the STOP bit. When the STOP bit is set, the pre-scaler is reset
to 0. STOP must be cleared before the pre-scaler can operate again. From a STOP condition,
the first 1 s increment will take place after32 positive edges on CLKOUT. Thereafter, every
64 positive edges will cause a 1 s increment.
Remark: Entry into EXT_CLK test mode is not sy nchronized to the internal 64 Hz clock.
When entering the test mode, no assumption as to the state of the pre-scaler can be made.
Operation example
1. Enter the EXT_CLK test mode; set bit 7 of Control/Status 1 register (TEST = 1)
2. Set bit 5 of Control/Status 1 register (STOP = 1)
3. Clear bit 5 of Control/Status 1 register (STOP = 0)
4. Set time registers (Seconds, Minutes, Hours, Days, Weekdays, Months/Century and
Years) to desired value
5. Apply 32 clock pulses to CLKOUT
6. Read time registers to see the first change
7. Apply 64 clock pulses to CLKOUT
8. Read time registers to see the second change.
Repeat steps 7 and 8 for additional increments.
Power-On Reset (POR) override mode
The POR duration is directly related to the crystal oscillator start-up time. Due to the long



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com