Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  PCF8563 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PCF8563
3/23
PIN CONFIGURATION
Symbol
Pin
Description
OSC1
1
Oscillator input
OSCO
2
Oscillator output
INT
3
Interrupt output(open-drain; active LOW)
Vss
4
Ground
SDA
5
Serial data I/O
CLK
6
Serial clock input
CLKOUT
7
Clock output (open-drain)
V DD
8
Positive supply
ABSOLUTE MAXIMUM RA TING ( Tamb=25℃)
C h a r a c t e r i s t i c s
Symbol
Min
Max
Unit
Supply Voltage
V DD
-0.5
+5.5
V
Input Voltage on Inputs SCL and SDA
-0.5
+5.5
V
Input Voltage on Input OSCI
V I
-0.5
V DD +0.5
V
Output Voltage on Outputs CLKOUT
and INT
Vo
-0.5
+5.5
V
DC Input Current at Any Input
I I
-10
+10
mA
DC Output Current at Any Output
Io
-10
+10
mA
Total Power Dissipation
Ptot
300
mW
Operating Temperature Range
Topr
-40
+85
Storage Temperature Range
Tstg
-65
+150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com