Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  PCF8563 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
PCF8563
4/23
STATIC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, V DD = 1.8 to 5.0 V; Vss = 0 V; Tamb =- 40 to 85° C;
f OSC = 32.768 kHz; quartz Rs = 40 kΩ; C L = 8 pF; )
C h a r a c t e r i s t i c s
Symbol
Test conditions
Min
Typ.
Max
Unit
Supplies
I 2 C-bus inactive
Ta=25° C
1.0*1
5.0
V
Supply voltage
I 2 C-bus active
f SCL =400kHz
1.8*1
5.0
V
Supply voltage fo
Reliable clock/calendar
information
V DD
Ta=25° C
VLOW
5.0
V
f SCL =400kHz *2
800
µA
f SCL =400kHz
200
µA
f SCL =0Hz;
Ta=25° C
*2
V DD =5V
275
550
nA
V DD =3V
250
500
nA
V DD =2V
225
450
nA
f SCL =0Hz
*2
V DD =5V
500
750
nA
V DD =3V
400
650
nA
Supply current
CLKOUT disabled
(FE=0)
I DD1
V DD =2V
400
600
nA
f SCL =0Hz;
Ta=25° C
*2
V DD =5V
825
1600
nA
V DD =3V
550
1000
nA
V DD =2V
425
800
nA
f SCL =0Hz
*2
V DD =5V
950
1700
nA
V DD =3V
650
1100
nA
Supply current
CLKOUT enabled
(f CLKOUT =32kHz;FE=1)
I DD2
V DD =2V
500
900
nA
Inputs
Low-level input voltage
V IL
V SS
0.3VD
D
V
High-level
input
voltage
V IH
0.7VD
D
VDD
V
Input leakage current
I LI
V I =V DD or V SS
-1
+1
µA
Input capacitance
Ci
*3
7
pF
Outputs
Low-level
output
current;pin SDA
I OL(SDA)
V OL =0.4V;
V DD =5V
-3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com