Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 9 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 9 Page - Tiger Electronic Co.,Ltd

Back Button PCF8563 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 11Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 12Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 13Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PCF8563
9/23
CLKOUT output
A programmable square wave is available at the CLKOUT pin. Operation is controlled by
the CLKOUT frequency register (address 0DH). Frequencies of32.768 kHz (default), 1024,
32 and 1 Hz can be generated for use as a system clock, microcontroller clock, input to a
charge pump, or for calibration of the oscillator. CLKOUT is an open-drain output and
enabled at power-on. If disabled it becomes high-impedance.
Reset
The
PCF8563 includes an internal reset circuit which is active whenever the oscillator is
stopped. In the reset state the I 2 C-bus logic is initialized and all registers, including
the address pointer, are cleared with the exception of bits FE, VL, TD1, TD0, TESTC
and AE which are set to logic 1.
Voltage-low detection
Voltage-low detector and clock monitor
The
PCF8563 has an on-chip voltage-low detector.
When V DD drops below Vlow the VL bit (Voltage
Low, bit 7 in the Seconds register) is set to
indicate that reliable clock/calendar information
is no longer guaranteed. The VL flag can only
be cleared by software.
The VL bit is intended to detect the situation
when V DD is decreasing slowly for example
under battery operation. Should V DD reach Vlow before power is re-asserted then the VL bit
will be set. This will indicate that the time may be corrupted.
Registers Organization
Table 1 registers overview
Bit positions labelled as ‘- ’are not implemented; those labelled with ‘0’ should always be
written with logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com