Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  PCF8563 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PCF8563
5/23
C h a r a c t e r i s t i c s
Symbol
Test conditions
Min
Typ.
Max
Unit
Low-level output
current;pin INT
I OL(INT)
-1
mA
Low-level output
current;pin CLKOUT
I OL(CLKO
UT)
-1
mA
High-level output
current;pin CLKOUT
I OH(CLKO
UT)
V OH =4.6V;
V DD =5V
1
mA
Output leakage current
I LO
V O =V DD or V SS
-1
+1
µA
Vo ltage Detector
Voltage-low detection
level
V LOW
Ta=25° C
0.9
1.0
V
*1
For reliable oscillator start-up at power-up: V DD (min)power-up = V DD (min) + 0.3 V.
*2
Timer source clock = 1¤60 Hz; SCL and SDA = V DD .
*3
Tested on sample basis.
DYNAMIC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, V DD = 1.8 to 5.0 V; Vss = 0 V; Tamb =- 40 to 85° C;
f OSC = 32.768 kHz; quartz Rs = 40 kΩ; C L = 8 pF; )
C h a r a c t e r i s t i c s
Symbol
Test conditions
Min
Typ.
Max
Unit
Oscillator
Integrated load
capacitance
C L(integrat
ed)
15
25
35
pF
Oscillator stability
∆f OSC /f O
SC
∆V DD =200mV
Ta=25° C
2×10-7
Quartz crystal parameters (f OSC =32.768kHz)
Series resistance
R S
40
kΩ
Parallel load
capacitance
C L
10
pF
Trimmer capacitance
C T
5
25
pF
CLKOUT output
CLKOUT duty factor
δ CLKOUT
*1
50
%
I
2 C-bus timing characteristics
*2
SCL clock frequency
f SCL
*3
400
kHz
START condition hold
time
t HD;STA
0.6
µs
Set-up time for a
repeated START
condition
t SU;STA
0.6
µs
SCL low time
t LOW
1.3
µs
SCL high time
t HIGH
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com