Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

Part # PCF8563
Description  Real-time Clock/Calendar
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCF8563 Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

Back Button PCF8563 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd PCF8563 Datasheet HTML 10Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PCF8563
6/23
C h a r a c t e r i s t i c s
Symbol
Test conditions
Min
Typ.
Max
Unit
SCL and SDA rise time
tr
0.3
µs
SCL and SDA fall time
tf
0.3
µs
Capacitive bus line load
Cb
400
pF
Data set-up time
t SU;DAT
100
ns
Data hold time
t HD;DAT
0
ns
Set-up time for STOP
condition
t SU;STO
4.0
µs
Tolerable
spike
width
on bus
t SW
50
µs
*1
Unspecified for f CLKOUT = 32.768 kHz.
*2
All timing values are valid within the operating supply voltage range at Tamb and
referenced to V IL and V IH with an input voltage swing of V SS to V DD .
*3
I 2 C-bus access time between two STARTs or between a START and a STOP condition
to this device must be less than one second.
I2C-bus timing waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com